Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5162BCPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5162BCPZN-R7
Description  High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5162BCPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5162BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
ADRF5162
High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Frequency range: 0.4 GHz to 8 GHz
►
Low insertion loss: 0.6 dB typical to 4 GHz
►
High Isolation: 45 dB typical to 4 GHz
►
High input linearity
►
0.1 dB power compression (P0.1dB): 50 dBm
►
Third order intercept (IP3): >76 dBm
►
High power handling at TCASE = 85°C:
►
Insertion loss path
►
Average: 45.5 dBm
►
Pulsed (>100 ns pulse width, 15% duty cycle): 48.5 dBm
►
Peak (≤100 ns peak duration, 5% duty cycle): 50 dBm
►
Hot-switching at RFC: 43 dBm
►
0.1 dB RF settling time with PIN ≤ 43 dBm: 1.2 μs
►
No low frequency spurious
►
Positive control interface: CMOS/LVTTL-compatible
►
24-lead, 4.0 mm × 4.0 mm LFCSP package
APPLICATIONS
►
Military radios, radars, and electronic counter measures
►
Cellular infrastructure
►
Test and instrumentation
►
GaN and PIN diode replacement
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5162 is a reflective, single pole double-throw (SPDT)
switch manufactured in the silicon process.
The ADRF5162 operates from 0.4 GHz to 8 GHz with typical inser-
tion loss of 0.6 dB and typical isolation of 45 dB. The device has
a radio frequency (RF) input power handling capability of 45.5 dBm
average power and 50 dBm peak power for the insertion loss path.
The ADRF5162 draws a low current of 130 μA on the positive sup-
ply of +3.3 V and 500 μA on negative supply of −3.3 V. The device
employs complementary metal-oxide semiconductor (CMOS)-/low-
voltage transistor to transistor logic (LVTTL)-compatible controls.
The ADRF5162 requires no additional driver circuitry, which makes
it an ideal alternative to GaN and PIN diode-based switches.
The ADRF5162 comes in a 24-lead, 4.0 mm × 4.0 mm, RoHS-com-
pliant, lead frame chip scale package (LFCSP) package and can
operate from −40°C to +105°C.


Similar Part No. - ADRF5162BCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5160 AD-ADRF5160 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5160-EVALZ AD-ADRF5160-EVALZ Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5160BCPZ AD-ADRF5160BCPZ Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5160BCPZ-R7 AD-ADRF5160BCPZ-R7 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
More results

Similar Description - ADRF5162BCPZN-R7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Skyworks Solutions Inc.
SKY13581-676LF SKYWORKS-SKY13581-676LF Datasheet
149Kb / 2P
0.4 to 3.8 GHz SPDT Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5160 AD-ADRF5160 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com