Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6991
11
Rev. D
For more information www.analog.com
OPERATION
RST Pin and Polarity (POL) Bit
The RST pin controls the state of the LTC6991’s output
as seen on the OUT pin. The active/inactive voltage levels
depend on the POL bit setting.
Table 2. Output States
POL BIT
RST PIN
OUTPUT STATE
0
0
Oscillating
0
1
0 (reset)
1
0
1 (reset)
1
1
Oscillating
Each period of the LTC6991’s internal oscillator clocks
the output state latch (see Block Diagram). The reset pin
(RST) can reset or hold off the output latch. The active
state of the reset pin is determined by the polarity func-
tion (POL). Similarly, the output latch is followed by a
buffer that can invert the output. The output polarity is
also controlled by the POL bit.
If POL = 0, the reset pin is active high and the output latch
is not inverted. Therefore, pulling the RST pin high will
reset the output latch and force the OUT pin low. Pulling
RST low will allow the output to oscillate, with the next
rising edge dependent on the internal oscillator.
If POL = 1, the reset pin is active low and the output latch
is inverted. Therefore, pulling the RST pin low will reset
the output latch and force the OUT pin high. Pulling RST
high will allow the output to oscillate, with the next falling
edge dependent on the internal oscillator.
Note that the master oscillator frequency and phase are
not affected by the RST pin; The LTC6991 continues to
oscillate, internally, even when RST is active. While the
reset function can block an output pulse, its exact place-
ment in time can only be changed by power cycling the
LTC6991.
tOUT
RST
OUT
tRST
tWIDTH
INTERNAL
OSCILLATOR
6991 F03
tOUT
RST
OUT
tRST
INTERNAL
OSCILLATOR
6991 F04
Figure 3. RST Timing Diagram (POL = 0)
Figure 4. RST Timing Diagram (POL = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com