Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 2 Page - Analog Devices

  LTC6906 Datasheet HTML 1Page - Analog Devices LTC6906 Datasheet HTML 2Page - Analog Devices LTC6906 Datasheet HTML 3Page - Analog Devices LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6991
2
Rev. D
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+) to GND ........................................6V
Maximum Voltage
on Any Pin ................ (GND – 0.3V) ≤ VPIN ≤ (V+ + 0.3V)
Operating Temperature Range (Note 2)
LTC6991C ............................................–40°C to 85°C
LTC6991I .............................................–40°C to 85°C
LTC6991H.......................................... –40°C to 125°C
LTC6991MP ....................................... –55°C to 125°C
(Note 1)
ORDER INFORMATION
TOP VIEW
OUT
GND
RST
V+
DIV
SET
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 64°C/W, θJC = 10.6°C/W
EXPOSED PAD (PIN 7) CONNECTED TO GND,
PCB CONNECTION OPTIONAL
4
5
7
6
3
2
1
RST 1
GND 2
SET 3
6 OUT
5 V+
4 DIV
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 192°C/W, θJC = 51°C/W
PIN CONFIGURATION
Specified Temperature Range (Note 3)
LTC6991C ................................................ 0°C to 70°C
LTC6991I .............................................–40°C to 85°C
LTC6991H.......................................... –40°C to 125°C
LTC6991MP ....................................... –55°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
S6 Package ...........................................................300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6991CDCB#TRMPBF
LTC6991CDCB#TRPBF
LDWZ
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6991IDCB#TRMPBF
LTC6991IDCB#TRPBF
LDWZ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6991HDCB#TRMPBF
LTC6991HDCB#TRPBF
LDWZ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6991CS6#TRMPBF
LTC6991CS6#TRPBF
LTDWY
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6991IS6#TRMPBF
LTC6991IS6#TRPBF
LTDWY
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6991HS6#TRMPBF
LTC6991HS6#TRPBF
LTDWY
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6991MPS6#TRMPBF
LTC6991MPS6#TRPBF
LTDWY
6-Lead Plastic TSOT-23
–55°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC6991IS6#WTRMPBF
LTC6991IS6#WTRPBF
LTDWY
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6991HS6#WTRMPBF
LTC6991HS6#WTRPBF
LTDWY
6-Lead Plastic TSOT-23
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com