Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201AV Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM5201AV
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201AV Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM5201AV Datasheet HTML 1Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 2Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 3Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 4Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 5Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 6Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 7Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 8Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2020/03/30
A.5
5
EM5201A
Typical Operating Characteristics
CIN=1u, Co=0.1u, CL=10Ω, VIN=VBIAS-2V
Von to Vo Ready, VIN=1.05V, VBIAS=5V.
CH1:VON, CH2:VIN, CH3:Vo
Von to Vo TD, VIN=1.05V, VBIAS=5V
CH1:VON, CH2:VIN, CH3:Vo
Rising time TR, VIN=1.05V, VBIAS=5V.
CH1:VON, CH2:VIN, CH3:VO
Turn off TOFF from VON, VIN=1.05V, VBIAS=5V
CH1:VIN, CH2:VON, CH3:VO
Turn off TF from VON, VIN=1.05V, VBIAS=5V
CH1:VIN, CH2:VON, CH3:VO
Von to Vo Ready, VIN=1.05V, VBIAS=3.3V.
CH1:VON, CH2:VIN, CH3:Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com