Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201AV Datasheet(PDF) 9 Page - Excelliance MOS Corp.

Part # EM5201AV
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201AV Datasheet(HTML) 9 Page - Excelliance MOS Corp.

Back Button EM5201AV Datasheet HTML 4Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 5Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 6Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 7Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 8Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 9Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 10Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 11Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2020/03/30
A.5
9
EM5201A
Von to Vo TF, VIN=2.5V, VBIAS=5V
CH1:VON, CH2:VIN, CH3:Vo
Turn off when no load
CH1:VON, CH2:VIN, CH3:IN
BIAS Supply Current VS. Temperature
VIN=1V, VBIAS=3V to 5.5V
BIAS Shunt down Current VS. Temperature
VIN=1V, VBIAS=3V to 5.5V
RPD Performance VS. Temperature
VIN=1V, VBIAS=3V to 5.5V
Output Rising Time VS. VIN VS. VBIAS
VIN=0.8V to 3V, VBIAS=3V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com