Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0803CSO8PC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # USB0803CSO8PC
Description  Bidirectional TVSarray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USB0803CSO8PC Datasheet(HTML) 1 Page - Microsemi Corporation

  USB0803CSO8PC Datasheet HTML 1Page - Microsemi Corporation USB0803CSO8PC Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2001
CS08PC.PDF 3-26 2002 REV B
USB0803CSO8PC
Bidirectional TVSarray ™
PRODUCT PREVIEW
SCO TTSD A L E DI VI SI ON
DESCRIPTION
This TRANSIENT VOLTAGE SUPPRESSOR (TVS) array is packaged in an SO-8
configuration giving protection to 2 Bidirectional data or interface lines. It is designed
for use in applications where protection is required at the board level from voltage
transients caused by electrostatic discharge (ESD) as defined in IEC 61000-4-2,
electrical fast transients (EFT) per IEC 61000-4-4 and effects of secondary lightning.
These TVS arrays have a peak power rating of 500 watts for an 8/20
µsec pulse.
This array is suitable for protection of sensitive circuitry consisting of TTL, CMOS
DRAM’s, SRAM’s, HCMOS, HSIC microprocessors, UNIVERSAL SERIAL BUS
(USB) and I/O transceivers. The USB08XXC product provides board level protection
from static electricity and other induced voltage surges that can damage or upset
sensitive circuitry.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless otherwise specified
STAND OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(Figure 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(Figure 2)
VOLTS
STANDBY
CURRENT
ID
@ VWM
µA
CAPACITANCE
(f=1 MHz)
C
@0V
pF
TEMPERATURE
COEFFICIENT
OF VBR
αVBR
mV/°C
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
MAX
MAX
USB0803CSO8PC
3C
3.3
4
8
11
200
5
-5
Note: Transient Voltage Suppressor (TVS) product is normally selected based on its stand off voltage VWM. Product selected
voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
TVSarray
™ SERIES
APPLICATIONS
• EIA-RS485 data rate:
5 Mbs
• 10 Base T Ethernet
• USB date rate: 900 Mbs
FEA T U R E S
•
Protects up to 2 bidirectional lines
•
Surge protection per IEC 61000-4-2, IEC 61000-4-4
•
Provides electrically isolated protection
•
UL 94V-0 Flamability Classification
•
LOW CAPACITANCE 5 pF per line pair
•
LOW LEAKAGE
M AXI M U M R A TI N G S
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Peak Pulse Power: 500 watts (8/20 µs, Figure 1)
• Pulse Repetition Rate: < .01%
M E CH AN I C AL
• Molded SO-8 Surface Mount
• Weight 0.066 grams (approximate)
• Marking: Logo, device marking code, date code
• Pin #1 defined by dot on top of package
PA CK AG I N G
• Tape & Reel per EIA Standard 481
• 13 inch reel; 2,500 pieces (OPTIONAL)
• Carrier tubes; 95 pcs (STANDARD)


Similar Part No. - USB0803CSO8PC

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
USB0803C MCC-USB0803C Datasheet
131Kb / 2P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB0803C-A MICROSEMI-USB0803C-A Datasheet
106Kb / 2P
Bidirectional TVSarray
More results

Similar Description - USB0803CSO8PC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB0803C-A MICROSEMI-USB0803C-A Datasheet
106Kb / 2P
Bidirectional TVSarray
SMS03C MICROSEMI-SMS03C Datasheet
186Kb / 2P
4 LINE BIDIRECTIONAL TVSarray
USB50403C MICROSEMI-USB50403C_1 Datasheet
105Kb / 2P
Bidirectional TVSarray ?
USB50803C-A MICROSEMI-USB50803C-A Datasheet
113Kb / 2P
Bidirectional Low Capacitance TVSarray ?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com