Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0803CSO8PC Datasheet(PDF) 2 Page - Microsemi Corporation

Part # USB0803CSO8PC
Description  Bidirectional TVSarray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USB0803CSO8PC Datasheet(HTML) 2 Page - Microsemi Corporation

  USB0803CSO8PC Datasheet HTML 1Page - Microsemi Corporation USB0803CSO8PC Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2001
CS08PC.PDF 3-26 2002 REV B
USB0803CSO8PC
Bidirectional TVSarray ™
PRODUCT PREVIEW
SCO TTSD A L E DI VI SI ON
8/20µs 500W Pulse
Figure 1
Peak Pulse Power Vs Pulse Time t = µsec
S Y M B OL S & D E F I NIT I O N S
Symbol
DEFINITION
VWM
Stand Off Voltage: Maximum dc voltage that can be applied over the operating temperature range.
Vwm must be selected to be equal or be greater than the operating voltage of the line to be protected
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current
VC
Clamping Voltage: Maximum clamping voltage across the TVS device when subjected to a given current at a
pulse time of 20 µs.
ID
Standby Current: Leakage current at VWM.
C
Capacitance: Capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in picofarads.
GRAPHS
O U T L I NE A N D S C HE M A T I C
INCHES
MILLIMETERS
MAX
MIN
DIM
MAX
MIN
0.197
A
0.188
4.77
5.00
0.158
0.150
3.81
4.01
0.069
0.053
1.35
1.75
0.021
0.011
0.28
0.53
0.050
0.016
0.41
1.27
0.050 BSC
1.27 BSC
0.010
0.006
0.15
0.25
0.008
0.004
0.10
0.20
0.206
0.189
4.80
5.23
B
C
D
F
G
J
K
L
0.244
P
0.228
5.79
6.19
Figure 2
Pulse Wave Form
OUTLINE
PAD LAYOUT
SCHEMATIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com