Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB55N03JS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMB55N03JS
Description  N‐Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB55N03JS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMB55N03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
2016/10/28
p.3
EMB55N03JS
 
 
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
0.8
1.2
1.0
1.5
1.4
0.7
-50
-25
0
25
50
75
100
125
150
TJ, Junction Temperature(°C)
ID= 3.5A
VGS= 10V
On‐Resistance Variation with Temperature
0.9
1.1
1.3
10
1
0.01
0.001
0.0001
00.2
0.4
0.6
0.8
1
1.2
VSD, Body Diode Forward Voltage( V )
Body Diode Forward Voltage Variation
with Source Current and Temperature
VGS= 0V
TJ= 125°C
25°C
-55°C
0.1
100
0
2
4
6
8
10
6
5
4
3
2
1
VGS, Gate‐Source Voltage( V )
VDS= 5V
TA= -55°C
125°C
25°C
Transfer  Characteristics
10
8
6
4
2
0
01
2
3
4
VGS= 10V
6.0V
4.5V
VDS, Drain‐Source Voltage( V )
 On‐Region Characteristics
2.0
1.8
1.6
1.4
1.2
1.0
0.8
02
4
68
10
VGS= 4.5V
5.0V
6.0V
7.0V
10V
ID, Drain Current( A )
 On‐Resistance Variation with
 Drain Current and Gate Voltage
0.25
0.20
0.10
0.15
0.05
0
0
2.5
5
7.5
10
VGS, Gate‐Source Voltage( V )
On‐Resistance Variation with Gate‐Source Voltage
ID=2A
TA= 125°C
TA= 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com