Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB55N03JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB55N03JS
Description  N‐Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB55N03JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB55N03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMB55N03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2016/10/28
p.4
EMB55N03JS
t  ,Time ( SEC )
Single Pulse Maximum Power Dissipation
0.001
0
5
1
0.1
0.01
1
10
15
20
1000
10
100
A
Single Pulse
R    = 166°C/W
T  = 25°C
θJA
‐1
t1  ,Time ( SEC )
Transient Thermal Response Curve
10
‐4
0.05
0.02
0.01
0.1
10
‐3
10
‐2
10
Single Pulse
Duty Cycle = 0.5
0.2
1
4.R    (t)=r(t) * R
3.T  ‐  T   = P * R     (t)
2.R     =166°C/W
1.Duty Cycle,D =
t1
P
Notes:
110
θ
JA
J
θ
JA
DM
1000
θ
JA
100
t1
t2
t2
θ
JA
A
0.01
0.1
DC
V    ‐ Drain‐Source Voltage( V )
Maximum Safe Operating Area
  V   = 10V
Single Pulse
R     = 166°C/W
  T   = 25°C
0.1
0.01
0.1
DS
1
JA
A
GS
R  
    
   L
im
it
1
10
100
DS
(O
N)
10s
10
100
100μs
10ms
100ms
1s
1ms
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
400
300
200
100
0
0
5
10
15
20
25
30
VDS,Drain‐Source Voltage( V )
Crss
Coss
Ciss
 Capacitance Characteristics
500
VGS = 0V
f = 1M Hz
10
8
6
4
2
0
0
1
23
45
6
10V
15V
VDS= 5V
ID = 3.5A
Qg, Gate Charge( nC )
 Gate‐Charge Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com