Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF60P02JS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMF60P02JS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF60P02JS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMF60P02JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 5Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2018/8/13
p.3
EMF60P02JS
-V - Drain-Source Voltage( V )
0
0
4
1
DS
16
8
12
-3.0V
-2.5V
2
3
4
-4.0V
-3.5V
V = -4.5 V
GS
Typical output characteristics
5
-1.8V
T = 25°C
- V - Gate-Source Voltage( V )
0.04
0
0
0.02
0.06
2
GS
4
A
0.12
0.08
0.10
0.14
A
T = 125°C
6
8
10
I = - 2A
D
On-Resistance Variation with Gate-Source Voltage
Normalized on-Resistance v.s. Junction Temperature
T - Junction Temperature (°C)
50
1.2
0.6
-50
0.8
1.0
J
-25
0
25
D
I = -3.5A
V
= -4.5V
1.4
1.6
1.8
GS
150
100
75
125
DS
V
= - 10V
Q - Gate Charge( nC )
0
0
1
2
g
2
4
I = - 3.5A
3
4
5
D
8
6
10
Gate Charge Characteristics
- V , Drain-Source Voltage( V )
Capacitance Characteristics
300
0
0
100
200
Crss
DS
5
Coss
400
500
600
10
15
20
Ciss
Body Diode Forward Voltage Variation
with Source Current and Temperature
T = 125°C
-V - Body Diode Forward Voltage( V )
0.6
0.0001
0
0.001
0.01
SD
0.2
0.4
25°C
V = 0V
0.1
1
10
GS
A
0.8
1.0
-55°C
1.2
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com