Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF60P02JS Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EMF60P02JS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF60P02JS Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EMF60P02JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 5Page - Excelliance MOS Corp. EMF60P02JS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2018/8/13
p.1
EMF60P02JS
G
S
D
P-Channel Logic Level Enhancement Mode Field Effect Transistor
Product Summary:
BVDSS
-20V
RDSON (MAX.)
65m
Ω
ID
-4A
Pb-Free Lead Plating & Halogen Free
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNIT
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
TA = 25 °C
ID
-4
A
TA = 70 °C
-2.8
Pulsed Drain Current1
IDM
-16
Power Dissipation
TA = 25 °C
PD
1.04
W
TA = 70 °C
0.66
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNIT
Junction-to-Ambient3
RθJA (T ≤ 10sec)
83
°C / W
RθJA (Steady State)
120
1Pulse width limited by maximum junction temperature.
2Duty cycle ≤ 1%
3The device mounted on a 1 in2 pad of 2 oz copper.


Similar Part No. - EMF60P02JS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMF60P02J EXCELLIANCE-EMF60P02J Datasheet
197Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMF60P02JS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com