Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8143166 Datasheet(PDF) 3 Page - Festo Corporation.

Part # 8143166
Description  Servo drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8143166 Datasheet(HTML) 3 Page - Festo Corporation.

  8143166 Datasheet HTML 1Page - Festo Corporation. 8143166 Datasheet HTML 2Page - Festo Corporation. 8143166 Datasheet HTML 3Page - Festo Corporation. 8143166 Datasheet HTML 4Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feature
Value
Mode of operation
Field-oriented regulation
Position resolution 24 bit/rev.
Sampling rate 16 kHz
PWM with 8 or 16 KHz
Vector modulation with 3rd harmonic
Real-time data acquisition
2x input capture (x, v, F)
2x output trigger (x, v, F)
2x position sensor input
1x SYNC interface for encoder emulation or encoder input
Ethernet interface, function
Parameterization and commissioning
Ethernet interface, protocol
TCP/IP
Fieldbus interface, protocol
EtherCAT
EtherNet/IP
Modbus®/TCP
PROFINET IRT
PROFINET RT
Fieldbus interface, function
Bus connection, incoming/forwarding
EtherCAT® slave
PROFINET slave
EtherNet/IP slave
Fieldbus coupling
EtherCAT
EtherNet/IP
Modbus®/TCP
PROFINET
Communication profile
CiA402
CoE (CANopen over EtherCAT)
EoE (Ethernet over EtherCAT)
FoE (File over EtherCAT)
PROFIdrive
DriveProfile
Process interfacing
AC1: Adjustable-Speed Drives
AC3: drives with positioning function
AC4: Synchronous Servo Application
Adjustable-Speed Drives
Drives with positioning function
I/O mode for 256 positioning blocks
Interpolated mode CSP
Interpolated mode CST
Interpolated mode CSV
Fieldbus interface, transmission rate
100 Mbit/s
Fieldbus interface, connection type
2x socket
Fieldbus interface, connection technology
RJ45
Encoder interface, function
BiSS-C
EnDat® 2.1 encoder
EnDat® 2.2 encoder
Hiperface encoder
Incremental encoder
Nikon
SIN/COS encoder
Encoder interface 2, function
Incremental encoder
SIN/COS encoder
Synchronization interface, function
Encoder emulation A/B/Z
Encoder input A/B/Z
Encoder interface output, characteristics
1 MHz maximum output frequency
max. 16384 ppr
Encoder interface input, characteristics
1 MHz maximum output frequency
max. 16384 ppr
Number of digital logic inputs
12
Input switching logic
PNP (positive switching)
Characteristics of logic input
Freely configurable in some cases
Safety inputs in some cases
Not galvanically isolated
Logic input specification
Based on IEC 61131-2, type 3
Work range of logic input
-3 V ... 30 V
8/20/24 - Subject to change - Festo SE & Co. KG
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com