Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8143166 Datasheet(PDF) 4 Page - Festo Corporation.

Part # 8143166
Description  Servo drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8143166 Datasheet(HTML) 4 Page - Festo Corporation.

  8143166 Datasheet HTML 1Page - Festo Corporation. 8143166 Datasheet HTML 2Page - Festo Corporation. 8143166 Datasheet HTML 3Page - Festo Corporation. 8143166 Datasheet HTML 4Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feature
Value
Number of high-speed logic inputs
2
Time resolution of high-speed logic inputs
1 µs
Number of digital logic outputs 24 V DC
6
Switching logic at outputs
PNP (positive switching)
Characteristics of digital logic outputs
Freely configurable in some cases
Not galvanically isolated
Diagnostic outputs in some cases
Max. current of digital logic outputs
20 mA
Number of high-speed switching outputs
2
Time resolution of high-speed switching outputs
1 µs
Number of floating switching outputs
1
Max. current of the floating switching outputs
50 mA
Number of analog setpoint inputs
1
Characteristics of setpoint inputs
Differential inputs
Configurable for rotational speed
Configurable for current/force
Work range of setpoint input
± 10 V
Operating range of analog inputs
± 10 V
Impedance of setpoint input
70 kOhm
Safety function
Safe brake control (SBC)
Safe torque off (STO)
Safe stop 1 (SS1)
Safety integrity level (SIL)
Safe brake control (SBC)/SIL 3/SILCL 3
Safe torque off (STO)/SIL 3/SILCL 3
Performance Level (PL)
Safe brake control (SBC)/category 3, performance level e
Safe torque off (STO)/category 4, performance level e
Diagnostic coverage
97 %
SFF safe failure fraction
99 %
Hardware fault tolerance
1
Number of safe 2-pin inputs
2
Number of diagnostic outputs
2
8/20/24 - Subject to change - Festo SE & Co. KG
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com