Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-036CPA9-R-155.520MHZ Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-036CPA9-R-155.520MHZ
Description  PECL/LVPECL HF VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-036CPA9-R-155.520MHZ Datasheet(HTML) 4 Page - Abracon Corporation

  AB-036CPA9-R-155.520MHZ Datasheet HTML 1Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 2Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 3Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 4Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AB-x36C Series
14.35 x 9.27 x 6.48 mm
Datasheet #0629J
PECL/LVPECL HF VCXO
Revision U: 12/19/2023
www.nelfc.com
OUTLINE TOLERANCE:
±0.015 [0.40] (UNLESS OTHERWISE SPECIFIED)
Dimensions: inches [mm]
Pin #
Function
1
Vco
2
ENABLE / DISABLE
3
GROUND
4
OUTPUT
5
OUTPUT COMPL.
6
Vcc
Mechanical Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com