Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-036CPA9-R-155.520MHZ Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-036CPA9-R-155.520MHZ
Description  PECL/LVPECL HF VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-036CPA9-R-155.520MHZ Datasheet(HTML) 1 Page - Abracon Corporation

  AB-036CPA9-R-155.520MHZ Datasheet HTML 1Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 2Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 3Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 4Page - Abracon Corporation AB-036CPA9-R-155.520MHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AB-x36C Series
14.35 x 9.27 x 6.48 mm
Datasheet #0629J
PECL/LVPECL HF VCXO
Revision U: 12/19/2023
www.nelfc.com
Absolute Maximum Ratings
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Operating Temperature Range
To
-40
+85
⁰C
Storage Temperature Range
Tst
-50
+90
⁰C
Supply Voltage
Vcc
-0.5
5.5
V
Enable/Disable Voltage
Ven/dis
0
Vcc
V
Electrical (1*)
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Nominal Frequency
Fo
12
280
MHz
Supply Voltage
Vcc
Code 0
Code A
4.75
3.135
5.0
3.3
5.25
3.465
V
Supply Current
Icc
60
80
mA
Output Logic Type
LVPECL
Load
Output to Vcc-2V, or
Thevenin Equivalent
50
Ohm
Output Levels
Voh
Vol
Overall
Vcc-1.025
Vcc -1.620
V
Duty Cycle
(Symmetry)
At 50 % of output voltage
swing
45/55
50/50
55/45
%
Rise /Fall Time
Tr/Tf
20 to 80, 80 to 20%
0.5
0.7
ns
Jitter
Integrated
J
Integrated from Phase Noise,
12KHz to 20MHz, RMS
0.1
0.2
ps
10Hz to 80KHz, RMS
1.0
ps
50KHz to 80MHz
0.3
ps
Wavecrest
characterized
Random,
period
2.5
ps
Accumul.,
pk-to-pk
17
ps
Deterministic
0
ps
Phase Noise
£(Δf)
155.52MHz
@10Hz
@100Hz
@1KHz
@10KHz
@100KHz
@>1MHz
-75
-105
-128
-142
-147
-147
-70
-100
-125
-140
-145
-145
dBc/Hz
Features
•
Wide frequency range – 12.0MHz to 280.000MHz
•
High Reliability- NEL HALT/HASS qualified for crystal
oscillator start-up conditions
•
Ultra Low Phase Noise and Jitter
•
High Shock Resistance, to 1000g
•
No Multiplication
•
Absolute Pull Range (APR) to ±1000ppm
•
SONET ± 20ppm overall free-run stability available
Applications
•
Fiber Channel
•
10 GbE
•
Infiniband
•
Network Processors
•
SONET/SDH
•
COTS/Dual use


Similar Part No. - AB-036CPA9-R-155.520MHZ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-036DH99-FREQ NEL-AB-036DH99-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-036DH9E-FREQ NEL-AB-036DH9E-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-036DH9F-FREQ NEL-AB-036DH9F-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-036DH9G-FREQ NEL-AB-036DH9G-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-036DH9H-FREQ NEL-AB-036DH9H-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
More results

Similar Description - AB-036CPA9-R-155.520MHZ

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
VS9P RALTRON-VS9P Datasheet
589Kb / 3P
LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
PECL/LVPECL HF VCXO
logo
Advanced XTAL Products
AXIS20 AXTAL-AXIS20 Datasheet
54Kb / 2P
PECL VCXO
2005-07-15
logo
Jauch Quartz Gmbh
JVE75B JAUCH-JVE75B Datasheet
195Kb / 2P
SMD PECL VCXO
logo
Nel Frequency Controls,...
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
PECL/LVPECL HF XO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
PECL/LVPECL HF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
PECL/LVPECL UHF VCXO
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
ULTRA HF VCXO, LVPECL, 3.3 VDC
VS9M RALTRON-VS9M Datasheet
593Kb / 3P
ANALOG MULTIPLIED LVPECL SERIES: ULTRA HF VCXO, LVPECL, 3.3 VDC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com