Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT034R0NL5 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SVT034R0NL5
Description  100A, 30V N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT034R0NL5 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

  SVT034R0NL5 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Silan
Microelectronics
SVT034R0NL5_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 8 of 9
Important notice:
1.
Silan reserves the right to make changes of this instruction without notice.
2.
Customers should obtain the latest relevant information when purchasing and should verify whether such information is latest and
complete. Please read this instruction and application manual and related materials carefully before using products, including the
circuit operation precautions, etc.
3.
The products belong to consumer electronic products. Silan does not give any warranties as to
the suitability of the Silan’s product
for any specific use. The design intent, design definition and design of the product are not intended for application (the application
stated in this instruction includes use, etc.) in transportation equipment, medical equipment, life-saving equipment, aerospace
equipment, , non-civil equipment or non-civil use, etc. (the equipment stated in this instruction includes systems, devices, etc., all
referred to as equipment).The product should not be used in any equipment or system whose manufacture, use or sale is prohibited
under any applicable laws or regulations ("unintended use"). If the product is used for unintended use, therefore the full risks of such
products application are borne by the customer and Silan assumes no liability for the product used for the unintended use. If the
customer intends to use the Silan’s product in a application where malfunction or failure can be reasonably be expected to result in
personal injury, or serious property, or environment damage, the customer shall make adequate assessment, testing and verification,
and Silan shall not be liable for such applications.
4.
The application of the product described in this instruction, the application manual of the product and related materials is for
illustrative purposes only, and Silan makes no warranty that such application can be used directly without further testing, verification
or modification. Silan is not responsible for any assistance in product application or customers
’ product design. Customer shall be
responsible for the application of Silan’s products and the design, manufacture and use of customers’ products using Silan’s
products (in this document, "use
products", "apply Silan’s products", "product application" and "customers’ products using Silan’s
products" are synonymous). It is the sole responsibility of the customer to take the following actions: 1) Verify and determine
whether
Silan’s products are suitable for the customers’ applications and customers’ products; 2) All applicable standards of the
customers
’ industry shall be complied with and fully tested and verified when applying Silan’s product or using Silan’s product to
develop and design customers
’ products; 3) Although Silan is constantly committed to improve product’s quality and reliability,
semiconductor products have possibility to malfunction or fail in various application environments. Customers are responsible for
complying with safety standards and for providing adequate designs and safeguards for customers
’ products using Silan’s product
to minimize risks and avoid situations in which a malfunction or failure could cause bodily injury or damage to property; 4) When
using the products, please do not exceed the maximum rating of the products, Stress above one or more limiting values will cause
damage to the product and the equipment or affect the reliability to the equipment (customers
’ product); 5) Ensure customers’
product using Silan
’s product are designed, manufactured and used in full compliance with all applicable standards, safety
standards and other requirements of the customers’ industry. The parameters stated in this instruction may and do vary in different
applications, actual performance may vary over time, and customers must use the products within their effective static storage
period (within one year from the delivery date of Silan). Customer should confirm the effective static storage period of the product if
purchasing from a third party. Silan does not assume any responsibility if
the product has exceeded the static storage period when
it is used.
5.
Do not disassemble, reverse-engineer, alter, modify, decompile or copy product, without Silan
’s prior written consent.
6.
Please
identify Silan’s trademark when purchasing our product. Please contact us if there is any question. Our products are not sold
through TAOBAO or any other third-party e-commerce platforms. If customers purchase from such platforms, please contact us in
writing before purchasing to confirm whether the product is authentic and original from Silan.
7.
Please use and apply product in compliance with all applicable laws and regulations, including but not limited to trade control
regulations etc. The product is civil electronic product, please do not use it in non-civil fields.
8.
Product promotion is endless, our company will wholeheartedly provide customers with better products!
9.
Website: http: //www.silan.com.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com