Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT034R0NL5 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SVT034R0NL5
Description  100A, 30V N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT034R0NL5 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SVT034R0NL5 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT034R0NL5 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silan
Microelectronics
SVT034R0NL5_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 1 of 9
100A, 30V N-CHANNEL MOSFET
DESCRIPTION
SVT034R0NL5 is an N-channel enhancement mode power MOS
field effect transistor which is produced using Silan's LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance.
This device is widely used in power management for UPS and
Inverter Systems.
FEATURES
100A, 30V, RDS(on)(typ.)=3.0m@VGS=10V
Low gate charge
Low Crss
Fast switching
Extreme dv/dt rated
100% avalanche tested
Pb-free lead plating
RoHS compliant
KEY PERFORMANCE PARAMETERS
Characteristics
Ratings
Unit
VDS
30
V
VGS(th)
1.2~2.2
V
RDS(on),max.
4.0
m
ID
100
A
Qg.typ.
23
nC
1
2
3
4
8
7
6
5
S
S
S
G
D
D
D
D
PDFN-8-5X6X0.95-1.27
3
1
1
2
3
4
8
7
6
5
2
4
8
7
6
5
ORDERING INFORMATION
Part No.
Package
Marking
Hazardous
Substance Control
Packing Type
SVT034R0NL5TR
PDFN-8-5X6X0.95-1.27
034R0NL5
Halogen free
Tape&Reel


Similar Part No. - SVT034R0NL5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVT03100ND SILAN-SVT03100ND Datasheet
310Kb / 7P
60A, 30V N-CHANNEL MOSFET
Rev.:1.1
SVT03100NL3 SILAN-SVT03100NL3 Datasheet
264Kb / 8P
45A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT03100NL3TR SILAN-SVT03100NL3TR Datasheet
264Kb / 8P
45A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT03110PL3 SILAN-SVT03110PL3 Datasheet
333Kb / 9P
-46A, -30V P CHANNEL MOSFET
Rev.:1.1
SVT03120NL2 SILAN-SVT03120NL2 Datasheet
372Kb / 9P
12A, 30V N-CHANNEL MOSFET
Rev.:1.2
More results

Similar Description - SVT034R0NL5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
Unisonic Technologies
ULB4132 UTC-ULB4132 Datasheet
236Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03 UTC-UT100N03 Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03-Q UTC-UT100N03-Q Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
100A, 30V P-CHANNEL POWER MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com