Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM135P40DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM135P40DF
Description  40V P-Channel Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM135P40DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM135P40DF Datasheet HTML 1Page - Rectron Semiconductor RM135P40DF Datasheet HTML 2Page - Rectron Semiconductor RM135P40DF Datasheet HTML 3Page - Rectron Semiconductor RM135P40DF Datasheet HTML 4Page - Rectron Semiconductor RM135P40DF Datasheet HTML 5Page - Rectron Semiconductor RM135P40DF Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TJ=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
On/Off States
Drain-Source Breakdown Voltage
VGS=0V ID=-
250μA
-40
V
Zero Gate Voltage Drain Current
VDS=-40V, VGS=0V TJ=25℃
-1
μA
VDS=-40V, VGS=0V TJ=125℃
-100
μA
Gate-Body Leakage Current
VGS=±20V, VDS=0V
±100
nA
Gate Threshold Voltage
VDS=VGS, ID=-25
0μA
-1
-2.5
V
Forward Transconductance
VDS=-10V, ID=-20A
51
S
Drain-Source On-State Resistance
VGS=-10V, ID=-20A TJ=25℃
3.1
4
mΩ
Drain-Source On-State Resistance
VGS=-4.5V, ID=-20A TJ=25℃
4
5.3
mΩ
Dynamic Characteristics
Ciss
Input Capacitance
VDS=-20V,VGS=0V,
f=1.0MHz
10733
pF
Coss
Output Capacitance
770
pF
Crss
Reverse Transfer Capacitance
697
pF
Rg
Gate resistance
VGS=0V, VDS=0V, f=1.0MHz
1.7
Ω
Switching Parameters
td(on)
Turn-on Delay Time
VGS=-10V, VDS=-20V,
RL=1
Ω, RGEN=3Ω
19.6
nS
tr
Turn-on Rise Time
3.6
nS
td(off)
Turn-Off Delay Time
22.8
nS
tf
Turn-Off Fall Time
38
nS
Qg
Total Gate Charge
VGS=-10V, VDS=-20V, ID=-20A
195
nC
Qgs
Gate-Source Charge
24.1
nC
Qgd
Gate-Drain Charge
39.9
nC
Source-Drain Diode Characteristics
ISD
Source-Drain Current (Body Diode)
-137
A
VSD
Forward on Voltage (Note 3)
VGS=0V, IS=-20A
-1.2
V
trr
Reverse Recovery Time
IF=-20A, dI/dt=-100A/
s
36.6
ns
Qrr
Reverse Recovery Charge
IF=-20A, dI/dt=-100A/
s
34.8
nC
Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature.
Notes 2.EAS condition: TJ=25℃,VDD=-40V,VG=-10V, Rg
=25Ω, L=0.5mH.
Notes 3.Repetitive Rating: Pulse width limited by maximum junction temperature.
BVDSS
IDSS
IGSS
VGS(th)
gFS
RDS(ON)
RDS(ON)
?? ?? ?? ?? ?? ?? ??



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com