Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM135P40DF Datasheet (PDF) - Rectron Semiconductor

RM135P40DF Datasheet PDF - Rectron Semiconductor
Part # RM135P40DF
Download  RM135P40DF Download
File Size   1589.66 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 40V P-Channel Trench Power MOSFET

RM135P40DF Datasheet (PDF)

Go To PDF Page Download Datasheet
RM135P40DF Datasheet PDF - Rectron Semiconductor

Part # RM135P40DF
Download  RM135P40DF Click to download

File Size   1589.66 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 40V P-Channel Trench Power MOSFET

RM135P40DF Datasheet (HTML) - Rectron Semiconductor


RM135P40DF Product details

Features
●Low Gate Charge
●100% UIS Tested, 100% DVDS Tested
●High Power and current handing capability
●Lead free product is acquired
●VDS -40V, ID -135A
RDS(ON)_TYP 3.1mΩ, QG 20 nC




Similar Part No. - RM135P40DF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM135N100HD RECTRON-RM135N100HD Datasheet
198Kb / 7P
N-Channel Super Trench Power MOSFET
RM135N100T2 RECTRON-RM135N100T2 Datasheet
366Kb / 7P
N-Channel Super Trench Power MOSFET
2017-03 REV:O15
More results


Similar Description - RM135P40DF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT40P04 UTC-UTT40P04 Datasheet
133Kb / 3P
40V, 50A P-CHANNEL POWER MOSFET
UTT50P04 UTC-UTT50P04 Datasheet
145Kb / 3P
-40V, -60A P-CHANNEL POWER MOSFET
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
65A, 40V P-CHANNEL POWER MOSFET
UTT20P04 UTC-UTT20P04 Datasheet
128Kb / 3P
-40V, -20A P-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3752A MGCHIP-MDD3752A Datasheet
897Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3754 MGCHIP-MDD3754 Datasheet
688Kb / 6P
P-Channel Trench MOSFET, -40V, -24.4A, 43m(ohm)
MDF3752 MGCHIP-MDF3752 Datasheet
1Mb / 6P
P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
MDS3753E MGCHIP-MDS3753E Datasheet
798Kb / 6P
P-Channel Trench MOSFET, -40V, -7.1A, 30m(ohm)
MDS3754A MGCHIP-MDS3754A Datasheet
814Kb / 6P
P-Channel Trench MOSFET, -40V, -6.0A, 45m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com