Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # BAT54SWT-HF
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAT54SWT-HF Datasheet(HTML) 1 Page - Comchip Technology

  BAT54SWT-HF Datasheet HTML 1Page - Comchip Technology BAT54SWT-HF Datasheet HTML 2Page - Comchip Technology BAT54SWT-HF Datasheet HTML 3Page - Comchip Technology BAT54SWT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Diodes
RoHS Device
BAT54xWT-HF Series
Comchip Technology CO., LTD.
Halogen Free
Mechanical data
- Case: SOT-323, molded plastic.
- Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102.
Features
- Epoxy meets UL-94 V-0 flammability rating.
- Surface mount device.
- Low forward voltage.
Circuit Diagram
BAT54WT-HF
1
2
3
BAT54CWT-HF
1
2
3
BAT54AWT-HF
1
2
3
BAT54SWT-HF
1
2
3
Dimensions in inches and (millimeter)
SOT-323
0.087(2.20)
0.071(1.80)
0.053(1.35)
0.045(1.15)
0.055(1.40)
0.047(1.20)
1
2
3
0.010(0.25)
0.004(0.10)
0.096(2.45)
0.083(2.10)
0.004(0.10)
0.039(1.00)
0.035(0.90)
0.016(0.40)
0.006(0.15)
0.000(0.00)
Maximum Rating (at Ta=25°C unless otherwise noted)
Symbol
Value
Unit
Parameter
V
30
IF
200
mA
A
Pd
0.6
°C/W
500
Thermal resistance, junction to ambient
Total power dissipation
@ Ta=25°C
200
Forward continuous current
Continuous reverse voltage
VR
RθJA
TSTG
Storage temperature range
°C
Operation junction temperature range
TJ
-55 to +125
Non-repetitive peak forward surge current @ t < 1s
IFSM
mW
°C
-55 to +125
REV:B
Page 1
QW-JB102


Similar Part No. - BAT54SWT-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT54SWT MCC-BAT54SWT Datasheet
214Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54SWT MCC-BAT54SWT Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54SWT MCC-BAT54SWT Datasheet
331Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
logo
First Silicon Co., Ltd
BAT54SWT FS-BAT54SWT Datasheet
352Kb / 3P
Schottky Barrier Diode
logo
Motorola, Inc
BAT54SWT1 MOTOROLA-BAT54SWT1 Datasheet
80Kb / 4P
30 VOLT DUAL SERIES SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54SWT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
SMD Schottky Barrier Diodes
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
SMD Schottky Barrier Diodes
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
SMD Schottky Barrier Diodes
logo
Comchip Technology
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
SMD Schottky Barrier Diodes
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com