Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAT54SWT-HF
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAT54SWT-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAT54SWT-HF Datasheet HTML 1Page - Comchip Technology BAT54SWT-HF Datasheet HTML 2Page - Comchip Technology BAT54SWT-HF Datasheet HTML 3Page - Comchip Technology BAT54SWT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Conditions
Max
Unit
Min
Rating and Characteristic Curves (BAT54xWT-HF Series)
Max. DC reverse current
VR = 25V
IR
μA
Typ. junction Capacitance
CJ
pF
2
5
VR = 1V, f = 1MHz
Max. reverse recovery time
trr
ns
IF = IR = 10mA, Irr = 0.1 x IR, RL = 100Ω
10
Max. instantaneous forward voltage
IFM = 10mA
VF
0.40
V
IFM = 0.1mA
IFM = 1mA
IFM = 100mA
IFM = 30mA
0.32
1.00
0.50
0.24
Fig.3 - Typical Capacitance vs.
Reverse Voltage
0
30
20
0
12
Reverse Voltage, VR (V)
10
10
15
5
25
4
Fig.4 - Power Derating Curve
0
125
100
0
Ambient Temperature, TA (°C)
50
100
200
75
25
250
50
150
Fig.1 - Forward Characteristic
0
5
0.01
10
10
30
15
20
Instantaneous Reverse Voltage, VR (V)
0.1
1
Fig.2 - Typical Reverse Characteristic
Instantaneous Forward Voltage, VF (V)
0.1
1
100
25
SMD Schottky Barrier Diodes
Typ
2
6
8
f = 1MHz
0
0.001
TA=75°C
TA=25°C
TA=125°C
TA=0°C
0.6
0.8
0.4
0.2
0.01
0.001
0.0001
1.0
TA=25°C
TA=75°C
TA=125°C
TA=0°C
TA=-40°C
Comchip Technology CO., LTD.
REV:B
Page 2
QW-JB102



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com