Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237395 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1237395
Description  SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237395 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1237395 Datasheet HTML 1Page - PHOENIX CONTACT 1237395 Datasheet HTML 2Page - PHOENIX CONTACT 1237395 Datasheet HTML 3Page - PHOENIX CONTACT 1237395 Datasheet HTML 4Page - PHOENIX CONTACT 1237395 Datasheet HTML 5Page - PHOENIX CONTACT 1237395 Datasheet HTML 6Page - PHOENIX CONTACT 1237395 Datasheet HTML 7Page - PHOENIX CONTACT 1237395 Datasheet HTML 8Page - PHOENIX CONTACT 1237395 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Nominal current IN
4 A
Connection data
Conductor connection
Connection method
Solder pins
Contact connection type
Socket
Tightening torque
2 Nm ... 3 Nm (Installation-side)
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 100
Connector
Connection 1
Head design
Socket
Head cable outlet
straight
Head thread type
M12
Head locking type
SPEEDCON
Coding
A
Environmental and real-life conditions
Ambient conditions
IP67 (When plugged in)
IP65 (When plugged in)
Degree of protection
IP65/IP67
-25 °C ... 85 °C (Plug / socket)
Ambient temperature (operation)
-40 °C ... 85 °C (without mechanical actuation)
Standards and regulations
M12
Standard designation
M12 connector
Standards/specifications
IEC 61076-2-101
SACC-DSI-FS-5CON-L180 SCOX - Device connector
rear mounting
1237395
https://www.phoenixcontact.com/us/products/1237395
Jul 3, 2024, 4:49 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com