Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237395 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237395
Description  SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237395 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237395 Datasheet HTML 1Page - PHOENIX CONTACT 1237395 Datasheet HTML 2Page - PHOENIX CONTACT 1237395 Datasheet HTML 3Page - PHOENIX CONTACT 1237395 Datasheet HTML 4Page - PHOENIX CONTACT 1237395 Datasheet HTML 5Page - PHOENIX CONTACT 1237395 Datasheet HTML 6Page - PHOENIX CONTACT 1237395 Datasheet HTML 7Page - PHOENIX CONTACT 1237395 Datasheet HTML 8Page - PHOENIX CONTACT 1237395 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector rear mounting, 5-position, Socket, straight, M12-SPEEDCON, coding: A, Rear
mounting, Pg9, Solder pins, Item is lead-free in accordance with RoHS II without Exemption 6c
(Pb < 0.1 %)
Your advantages
Easy PCB assembly: one-piece connectors for wave soldering
•
All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
•
SPEEDCON fast locking system reduces cabling times
•
Commercial data
Item number
1237395
Packing unit
20 pc
Minimum order quantity
20 pc
Product key
ABQEHL
GTIN
4063151433451
Weight per piece (including packing)
13.66 g
Weight per piece (excluding packing)
13.66 g
Country of origin
DE
SACC-DSI-FS-5CON-L180 SCOX - Device connector
rear mounting
1237395
https://www.phoenixcontact.com/us/products/1237395
Jul 3, 2024, 4:49 AM
Page 1 (9)


Similar Part No. - 1237395

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237390 PHOENIX-1237390 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
1237394 PHOENIX-1237394 Datasheet
337Kb / 9P
SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
1237396 PHOENIX-1237396 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
1237398 PHOENIX-1237398 Datasheet
194Kb / 5P
SACC-BP-F-M12/M15-7-THR SCOX - Housing screw connection
More results

Similar Description - 1237395

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409463 PHOENIX-1409463 Datasheet
1Mb / 11P
SACC-DSI-M12FS-5CON-PG9-L180 - Device connector, rear mounting
1409464 PHOENIX-1409464 Datasheet
523Kb / 10P
SACC-DSI-M12MS-5CON-PG9-L180 - Device connector, rear mounting
1553462 PHOENIX-1553462 Datasheet
499Kb / 10P
SACC-DSI-FS-4CON-L180 SCO - Device connector, rear mounting
1542774 PHOENIX-1542774 Datasheet
568Kb / 12P
SACC-DSI-FS-8CON-L180 SCO - Device connector, rear mounting
1559929 PHOENIX-1559929 Datasheet
568Kb / 12P
SACC-DSI-FS-12CON-L180 SCO - Device connector, rear mounting
1436806 PHOENIX-1436806 Datasheet
577Kb / 12P
SACC-DSI-FS-17CON-L180 SCO SH - Device connector, rear mounting
1457940 PHOENIX-1457940 Datasheet
1Mb / 9P
SACC-DSI-FS-5CON-L180/SH BU - Device connector, rear mounting
1456501 PHOENIX-1456501 Datasheet
1Mb / 10P
SACC-DSI-FS-5CON-L180/SH VT - Device connector, rear mounting
1559958 PHOENIX-1559958 Datasheet
532Kb / 11P
SACC-DSI-FS-17CON-L180 SCO - Device connector, rear mounting
1239967 PHOENIX-1239967 Datasheet
1Mb / 12P
SACC-DSI-FSB-5CON-PG9/ 0,5 SCOX - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com