Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1696PKHTN-FNLPTYCD Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1696PKHTN-FNLPTYCD
Description  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTYCD Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1696PKHTN-FNLPTYCD Datasheet HTML 2Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 3Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 4Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 5Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 9Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS: TA and VCC within specification, unless otherwise noted
Characteristics
Symbol
Note
Min.
Typ.
Max.
Unit
PERFORMANCE CHARACTERISTICS (continued)
Cycle to Cycle Variation
BSEQ(n) to BSEQ(n+1), does not include signature
region; see Figure 6
0.9
–
1.1
–
Signature Amplification Ratio
BSEQ(sig) / BSEQ of pole pair directly before
signature region; see Figure 6
0.8
–
2.0
–
Vibration Tolerance During
Calibration
Periods of single-direction rotation required to
provide correct output after start-up vibration is
encountered [5]
–
–
3
periods
(pole pairs/
tooth-valley
pairs)
Initial Calibration Interval
CALI
fIN < 600 rpm; no signature region
–
–
4
output
pulse
fIN < 600 rpm; signature region encountered
–
–
9
output
pulse
First Output Edge
After power on, fIN < 600 rpm
–
TTARGET
–
–
MAGNETIC CHARACTERISTICS
Minimum Differential Magnetic
Input Signal
BDIFF(pk-pk)
Minimum required Speed Channel peak-to-peak
differential signal
50 [6]
–
–
G
Operating Magnetic Input Range
BDIFF
Allowable differential magnetic input range
–700
–
700
G
Back-Biasing Magnetic Field
BCOMMON For ferromagnetic targets
–2500
–
2500
G
TARGET CHARACTERISTICS
Required Direction Channel
Separation
BCHSEP
Measured between the two
direction channels;
Measurement is made on
normalized (0 to 100%)
differential magnetic signals
(see Target Definition section)
Opposite
switching
feature,
measured at
BST on Speed
Channel,
See Figure 10
35 [7]
–
–
%
Opposite
non-switching
feature
0 [8]
–
–
%
[5]
Incorrect Direction Pulses may be given during vibration events.
[6]
For startup hysteresis ≥50 G, the minimum differential signal required is equal to the startup hysteresis selection; see Programmable Options Table..
[7]
Assumes Standard target option. For Wide tooth programmable option, minimum required Direction channel separation opposite a switching feature is 25%;
see Programmable Options Table.
[8]
No signal crossover, 0.25 × BSEQ(MAX) < BIN < 0.75 × BSEQ(MAX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com