Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1696PKHTN-FNLPTYCD Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1696PKHTN-FNLPTYCD
Description  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTYCD Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1696PKHTN-FNLPTYCD Datasheet HTML 1Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 2Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 3Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 4Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 5Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE [1]
Part Number
Packing
A1696PKHTN-RNBPMGI-D
Tape and reel, 2500 pieces per reel
A1696PKHTN-RNBPMGI
[1]
Not all combinations are available. Contact Allegro sales for pricing and availability of custom programming option.
A1696 P
KH TN -
Configuration Options
Magnet Temperature Coefficient
Samarium-cobalt magnet
Neodymium magnet
Ferrite Ring Magnet
Vibration
Vibration recovery always enabled
Vibration recovery enabled for 63 features
Vibration recovery enabled for 255 features
Vibration recovery disabled
Fall Time (typ.)
Fast fall time (1 µs)
Medium fall time (3 µs)
Slow fall time (6 µs)
Output Protocol
Pulse-width protocol, 1 pulse per feature pair
Pulse-width protocol, 2 pulses per feature pair
Speed-only protocol
Pulse Width (typ.)
Forward = 22.5 µs, Reverse = 45 µs
Forward = 45 µs, Reverse = 90 µs
Forward = 45 µs, Reverse = 135 µs
Forward = 45 µs, Reverse = 180 µs
N/A: Speed-only protocol, no direction information
Polarity
Output over tooth/north pole
Output over valley/south pole
Output over tooth/north pole and valley/south pole
Forward Rotation Direction
Pin 1 to Pin 3
Pin 3 to Pin 1
Speed-only protocol, no direction information
Packing Instructions
Package Designation
KH - 3 Pin SIP
Operating Temperature Range
Allegro Identifier and Device Type
Target Profiling Diagnostics
D – Target diagnostics enabled
[blank] – Target diagnostics disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com