Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN17 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN17
Description  N-Channel JFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN17 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN17 Datasheet HTML 1Page - InterFET Corporation IFN17 Datasheet HTML 2Page - InterFET Corporation IFN17 Datasheet HTML 3Page - InterFET Corporation IFN17 Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
IF35014.R00
IFN17
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
IFN17 N-Channel JFET
Features
• InterFET N0016SH Geometry
• Low Noise: 5 nV/√Hz Typical
• Japanese 2SK17 Replacement
• RoHS Compliant
• SMT, TH, and Bare Die Package options.
Applications
• Audio Amplifiers
• Small Signal Amplifier
• Ultrahigh Impedance Pre-Amplifier
• Voltage Controlled Resistor
• Current Limiters and Regulators
Description
The -20V InterFET IFN17 is a replacement for the
Japanese 2SK17. Targeted for sensitive amplifier
stages with gate leakages typically less than 10pA
at room temperatures.
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
IFN17
Through-Hole
TO-92
Bulk
SMP17
Surface Mount
SOT23
Bulk
SMP17TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
IFN17COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
IFN17CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
1
2
3
Source
Drain
Gate
SOT23 Top View
TO-92 Bottom View
Product Summary
Parameters
IFN17 Min
Unit
BVGSS
Gate to Source Breakdown Voltage
-20
V
IDSS
Drain to Source Saturation Current
0.3
mA
VGS(off)
Gate to Source Cutoff Voltage
-0.5
V
GFS
Forward Transconductance
2.0 Typ
mS
Source
Drain
Gate
1
2
3


Similar Part No. - IFN17

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN147 INTERFET-IFN147 Datasheet
95Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN17

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com