Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN17 Datasheet(PDF) 2 Page - InterFET Corporation

Part # IFN17
Description  N-Channel JFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN17 Datasheet(HTML) 2 Page - InterFET Corporation

  IFN17 Datasheet HTML 1Page - InterFET Corporation IFN17 Datasheet HTML 2Page - InterFET Corporation IFN17 Datasheet HTML 3Page - InterFET Corporation IFN17 Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
www.InterFET.com
IFN17
Document Number: IF35014.R00
InterFET Corporation
June, 2019
IFN17
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
Electrical Characteristics
Static Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
IFN17
Unit
Min
Max
V(BR)GSS
Gate to Source
Breakdown Voltage
VDS = 0V, IG = -1μA
-20
V
IGSS
Gate to Source
Reverse Current
VGS = -10V, VDS = 0V
-0.1
nA
VGS(OFF)
Gate to Source
Cutoff Voltage
VDS = 10V, ID = 1nA
-0.5
-6.0
V
IDSS
Drain to Source
Saturation Current
VGS = 0V, VDS = 10V
(Pulsed)
0.3
6.5
mA
IDF
Forward
Diode Voltage
VDS = 0V, IGS = 10μA
0.4
0.8
V
Dynamic Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
IFN17
Unit
Typical
GFS
Forward Transconductance
VDS = 10V, VGS = 0V, f = 1kHz
2.0
mS
Ciss
Input Capacitance
VDS = 10V, VGS = 0V, f = 1MHz
4
pF
Crss
Reverse Transfer Capacitance
VDS = 10V, VGS = 0V, f = 1MHz
1.2
pF
Maximum Ratings (@ T
A
= 25°C, Unless otherwise specified)
Parameters
Value
Unit
VRGS Reverse Gate Source and Gate Drain Voltage
-20
V
IFG
Continuous Forward Gate Current
50
mA
PD
Continuous Device Power Dissipation
300
mW
P
Power Derating
2
mW/°C
TJ
Operating Junction Temperature
-55 to 125
°C
TSTG Storage Temperature
-65 to 175
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com