Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN201 Datasheet(PDF) 6 Page - InterFET Corporation

Part # IFN201
Description   N-Channel JFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN201 Datasheet(HTML) 6 Page - InterFET Corporation

  IFN201 Datasheet HTML 1Page - InterFET Corporation IFN201 Datasheet HTML 2Page - InterFET Corporation IFN201 Datasheet HTML 3Page - InterFET Corporation IFN201 Datasheet HTML 4Page - InterFET Corporation IFN201 Datasheet HTML 5Page - InterFET Corporation IFN201 Datasheet HTML 6Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IFN201-A-2
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
Compliance and Legal
Package materials
Parameters
SOT23
SOIC8
TO-92
Metal Case
Alloy
CDA194
C194 1/2H
C194 1/2H
Kovar
Cu
Balance
97% min
97% min
Fe
2.1 – 2.6%
2.1 – 2.6%
2.1 – 2.6%
53%
Zn
0.05 – 0.2%
0.05 – 0.2%
0.05 – 0.15%
P
0.015 – 0.15%
0.015 – 0.15%
0.015 – 0.15%
Pb
0.03% max
0.03% max
0.03% max
Ni
29%
Co
17%
Mn
0.3%
Si
0.2%
C
<0.01%
Au
Plating
6 of 6
https://www.InterFET.com
IFN201-A-2
Document Number: IF35115 Rev A01
InterFET Corporation
May, 2023
Environment
InterFET parts follow the latest RoHS Compliance, REACH Compliance, Proposition 65 Statement, TSCA Statement, and Chemical Disposal
and Waste Mitigation requirement and guidelines. For more on InterFET’s Environmental Commitment please visit
www.InterFET.com/environmental/.
Package tests
Parameters
SOT23
SOIC8
TO-92
Metal Case
MSL
Level 1
Level 1
N/A
N/A
ESD
Class M4 Machine Model
Class 3A HBM
Class M4 Machine Model
Class 3A HBM
Class M4 Machine Model
Class 3A HBM
Class M4 Machine Model
Class 3A HBM
Legal Notice
InterFET Corporation reserves the right to make corrections, enhancements, improvements, modifications, and other changes to its
semiconductor products without further notice to this document and any product described herein. InterFET does not assume any
liability arising out of the application or use of this document or any product described herein. Unless InterFET has explicitly designated
an individual product as meeting the requirements of a particular industry standard, InterFET is not responsible for any failure to meet
such industry standard requirements.
InterFET Corporation assumes no liability for a customers product design or applications. Corporate designers and others who are
developing systems that incorporate InterFET products understand and agree that they remain responsible for using their independent
analysis, evaluation and judgment in designing their applications. Corporate designers and others have full and exclusive responsibility to
assure the safety of Designers' applications and compliance of their applications with all applicable regulations, laws and other applicable
requirements.
InterFET Corporation resources are provided “as is” with potential faults. InterFET disclaims all other warranties or representations,
express or implied, regarding resources or use thereof, including but not limited to accuracy or completeness, title, any widespread
failure warranty and any implied warranties of merchantability, fitness for a particular purpose, and non-infringement of any third party
intellectual property rights. InterFET shall not be liable for and shall not defend or indemnify designer against any claim, including but not
limited to any infringement claim that relates to or is based on any combination of products even if described in InterFET resources or
otherwise. In no event shall InterFET be liable for any actual, direct, special, collateral, indirect, punitive, incidental, consequential or
exemplary damages in connection with or arising out of InterFET resources or use thereof, and regardless of whether InterFET has been
advised of the possibility of such damages.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com