Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN201 Datasheet(PDF) 2 Page - InterFET Corporation

Part # IFN201
Description   N-Channel JFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN201 Datasheet(HTML) 2 Page - InterFET Corporation

  IFN201 Datasheet HTML 1Page - InterFET Corporation IFN201 Datasheet HTML 2Page - InterFET Corporation IFN201 Datasheet HTML 3Page - InterFET Corporation IFN201 Datasheet HTML 4Page - InterFET Corporation IFN201 Datasheet HTML 5Page - InterFET Corporation IFN201 Datasheet HTML 6Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
https://www.InterFET.com
IFN201-A-2
Document Number: IF35115 Rev A01
InterFET Corporation
May, 2023
IFN201-A-2
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
Electrical Characteristics
Static Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
IFN201A
IFN201
IFN202
Unit
Min
Max
Min
Max
Min
Max
V(BR)GSS
Gate to Source
Breakdown Voltage
VDS = 0V, IG = -1μA
-40
-40
-40
V
IGSS
Gate to Source
Reverse Current
VGS = -20V, VDS = 0V
-10
-10
-10
pA
VGS(OFF)
Gate to Source
Cutoff Voltage
VDS = 20V, ID = 10nA
-0.5
-1.0
-0.3
-1.5
-0.8
-4.0
V
IDSS
Drain to Source
Saturation Current
VGS = 0V, VDS = 20V
(Pulsed)
0.2
0.8
0.2
1
0.9
4.5
mA
Dynamic Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
IFN201A
IFN201
IFN202
Unit
Min
Typ
Min
Typ
Min
Typ
GFS
Forward
Transconductance
VDS = 20V, VGS = 0V, f = 1kHz
500
500
1000
uS
GOS
Output Conductance
VDS = 20V, VGS = 0V, f = 1kHz
1
1
3.5
uS
Ciss
Input Capacitance
VDS = 20V, VGS = 0V, f = 1MHz
4
4
4
pF
Crss
Reverse Transfer
Capacitance
VDS = 20V, VGS = 0V, f = 1MHz
1
1
1
pF
en
Noise Voltage
VDS = 10V, VGS = 0V, f = 1kHz
3
3
3
nV/√Hz
Maximum Ratings (@ T
A
= 25°C, Unless otherwise specified)
Parameters
SOT-23
Unit
VRGS Reverse Gate Source and Gate Drain Voltage
-40
V
IFG
Continuous Forward Gate Current
50
mA
PD
Continuous Device Power Dissipation1
350
mW
P
Power Derating1
2.8
mW/°C
TJ
Operating Junction Temperature
-55 to 150
°C
TSTG Storage Temperature
-55 to 150
°C
1 Thermal power dissipation and derating values obtained with gate pin (substrate) thermally connected to pad and/or internal layer.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com