Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-85 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-85
Description  Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-85 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-85 Datasheet HTML 13Page - Power Integrations, Inc. EPR-85 Datasheet HTML 14Page - Power Integrations, Inc. EPR-85 Datasheet HTML 15Page - Power Integrations, Inc. EPR-85 Datasheet HTML 16Page - Power Integrations, Inc. EPR-85 Datasheet HTML 17Page - Power Integrations, Inc. EPR-85 Datasheet HTML 18Page - Power Integrations, Inc. EPR-85 Datasheet HTML 19Page - Power Integrations, Inc. EPR-85 Datasheet HTML 20Page - Power Integrations, Inc. EPR-85 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
04-Oct-2005
EP-85 6 V, 330 mA Low Cost Charger
8.2
No-Load Input Power
0
20
40
60
80
100
120
140
160
50
100
150
200
250
300
AC Input Voltage (VAC)
Figure 9 –
No-Load Input Power vs. Input Line Voltage.
8.3
Regulation
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Output Current (A)
at 90 VAC
at 115 VAC
at 230 VAC
at 265 VAC
MIN
MAX
Figure 10
– Load and Line Regulation.
The LNK564 device enters auto-restart for output voltages below typically 1.5 V, thus
preventing excessive short circuit current.
Page 17 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com