Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-85 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-85
Description  Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-85 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-85 Datasheet HTML 17Page - Power Integrations, Inc. EPR-85 Datasheet HTML 18Page - Power Integrations, Inc. EPR-85 Datasheet HTML 19Page - Power Integrations, Inc. EPR-85 Datasheet HTML 20Page - Power Integrations, Inc. EPR-85 Datasheet HTML 21Page - Power Integrations, Inc. EPR-85 Datasheet HTML 22Page - Power Integrations, Inc. EPR-85 Datasheet HTML 23Page - Power Integrations, Inc. EPR-85 Datasheet HTML 24Page - Power Integrations, Inc. EPR-85 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
04-Oct-2005
EP-85 6 V, 330 mA Low Cost Charger
10.2 Output Voltage Start-Up Profile, Battery Load
A simulated battery load was used to verify the power supply start-up profile.
Figure 14
– Battery Output Load, RLOAD = 15 Ω.
Figure 15
– Battery Start-Up Profile, 90 VAC.
Upper: IDRAIN, 0.10 A / div.
Lower: VOUT, 2 V, 50 ms / div.
Figure 16
– Battery Start-Up Profile, 265 VAC.
Upper: IDRAIN, 0.10 A / div.
Lower: VOUT, 2 V, 50 ms / div.
With a simulated battery load, the output voltage reaches regulation within 200 ms. No
output overshoot is observed. Note that the peak of the IDRAIN waveform in Figure 15 is
the leading edge current spike, not IDRAIN at the end of the switching cycle.
Page 21 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com