Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-86 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-86
Description  Engineering Prototype Report for EP 86 - 6.6 W Multi-Class Powered Device (PD) for Power over Ethernet (PoE) Using DPA-Switch-(DPA423G)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-86 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-86 Datasheet HTML 13Page - Power Integrations, Inc. EPR-86 Datasheet HTML 14Page - Power Integrations, Inc. EPR-86 Datasheet HTML 15Page - Power Integrations, Inc. EPR-86 Datasheet HTML 16Page - Power Integrations, Inc. EPR-86 Datasheet HTML 17Page - Power Integrations, Inc. EPR-86 Datasheet HTML 18Page - Power Integrations, Inc. EPR-86 Datasheet HTML 19Page - Power Integrations, Inc. EPR-86 Datasheet HTML 20Page - Power Integrations, Inc. EPR-86 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
13-Apr-2006
EP-86 – 6.6 W, 3.3 V, 2 A PoE Powered Device
Page 17 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Performance Data
All measurements were taken at room temperature utilizing a DC input source and DC
dynamic loads (except where resistive loads are specified). Input and output voltages
and current were measured with dedicated digital multi-meters (DMMs).
9.1
Efficiency
Figure 12
– Efficiency vs. Line and Load, Room Temperature.
40%
50%
60%
70%
80%
02
468
Pout (W)
36 VDC
48 VDC
57 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com