Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-86 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-86
Description  Engineering Prototype Report for EP 86 - 6.6 W Multi-Class Powered Device (PD) for Power over Ethernet (PoE) Using DPA-Switch-(DPA423G)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-86 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-86 Datasheet HTML 17Page - Power Integrations, Inc. EPR-86 Datasheet HTML 18Page - Power Integrations, Inc. EPR-86 Datasheet HTML 19Page - Power Integrations, Inc. EPR-86 Datasheet HTML 20Page - Power Integrations, Inc. EPR-86 Datasheet HTML 21Page - Power Integrations, Inc. EPR-86 Datasheet HTML 22Page - Power Integrations, Inc. EPR-86 Datasheet HTML 23Page - Power Integrations, Inc. EPR-86 Datasheet HTML 24Page - Power Integrations, Inc. EPR-86 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
13-Apr-2006
EP-86 – 6.6 W, 3.3 V, 2 A PoE Powered Device
Page 21 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10.3 Load Transient Response (75% to 100% Load Step)
In the figures shown below, signal averaging was used to better enable viewing of the
load transient response.
The oscilloscope was triggered using the load current
step as a trigger source. Since the output switching is random with respect
to the load transient, contributions to the output ripple from these sources will
average out, leaving the contribution only from the load step response.
Figure 20
– Transient Response,
36 VDC, 75-100-75% Load Step.
Upper: Load Current, 1 A / div.
Lower: Output Voltage,
20 mV, 500
µs / div.
Figure 21
– Transient Response,
57 VDC, 75-100-75% Load Step.
Upper: Load Current, 1 A / div.
Lower: Output Voltage,
20 mV, 500
µs / div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com