Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523D2GL Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5523D2GL
Description  PWMQR Multi-mode Controller with Primary Side Regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523D2GL Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5523D2GL Datasheet HTML 1Page - Leadtrend Technology LD5523D2GL Datasheet HTML 2Page - Leadtrend Technology LD5523D2GL Datasheet HTML 3Page - Leadtrend Technology LD5523D2GL Datasheet HTML 4Page - Leadtrend Technology LD5523D2GL Datasheet HTML 5Page - Leadtrend Technology LD5523D2GL Datasheet HTML 6Page - Leadtrend Technology LD5523D2GL Datasheet HTML 7Page - Leadtrend Technology LD5523D2GL Datasheet HTML 8Page - Leadtrend Technology LD5523D2GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD5523D2
11/11/2020
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523D2-DS-00 November 2020
Pin Configuration
SOT-26 (TOP VIEW)
Y
: Year code (D: 2004, E: 2005
…..)
W
: Week code
PP
: Production code
t
nD2 : LD5523D2
1
2
3
4
5
6
GND COMP
FB
OUT
VCC
CS
Y t n
WD2
PP
Ordering Information
Part number
Package
TOP MARK
Shipping
LD5523D2 GL
SOT-26
Ytn/WD2/PP
3000 /tape & reel
The LD5523D2 is ROHS compliant/ green packaged.
Protection Mode
Product
Name
Switching
Frequency
VCC_OVP
FB_OVP
FB_O/S
OLP
CS_OTP
BNI/BNO
LD5523D2
65kHz @ high line
Auto recovery Auto recovery Auto recovery Auto recovery Auto recovery Auto recovery
Pin Descriptions
NAME
PIN
(SOT-26)
FUNCTION
GND
1
Ground
COMP
2
Output of the error amplifier for voltage compensation.
FB
3
Auxiliary voltage sense and feedback control.
CS
4
Current sense pin, connect to sense the switch current.
VCC
5
Supply voltage pin.
OUT
6
Gate drive output to drive the external MOSFET switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com