Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523D2GL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD5523D2GL
Description  PWMQR Multi-mode Controller with Primary Side Regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523D2GL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD5523D2GL Datasheet HTML 1Page - Leadtrend Technology LD5523D2GL Datasheet HTML 2Page - Leadtrend Technology LD5523D2GL Datasheet HTML 3Page - Leadtrend Technology LD5523D2GL Datasheet HTML 4Page - Leadtrend Technology LD5523D2GL Datasheet HTML 5Page - Leadtrend Technology LD5523D2GL Datasheet HTML 6Page - Leadtrend Technology LD5523D2GL Datasheet HTML 7Page - Leadtrend Technology LD5523D2GL Datasheet HTML 8Page - Leadtrend Technology LD5523D2GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD5523D2
11/11/2020
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523D2-DS-00 November 2020
Absolute Maximum Ratings
Supply Voltage VCC,
-0.3V ~30V
COMP
-0.3V ~ 7V
OUT
-0.3V ~ VCC+0.3V
FB, CS
-0.3V~ 7V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOT-26, θJA)
200
C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2 KV
ESD Voltage Protection, Machine Model
200 V
Caution:
Stress exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stress above recommended operating conditions may affect device
reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
VCC voltage
8
16
V
VCC capacitor
4.7
10
F
COMP Capacitor
680
2200
pF
CS Filter Capacitor
47
390
pF
Start-up resistor Value (AC Side, Half Wave)
400K
2M
Start-up resistor Value (VBulk Side)
2M
4.5M
Note:
1.
It
’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F~0.47F) to filter out
the undesired switching noise for stable operation. This capacitor should be placed close
to IC pin as possible.
2.
Connecting a capacitor to COMP pin is also essential to filter out the undesired switching
noise for stable operation.
3.
The small signal components should be placed close to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com