Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523M1GL Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5523M1GL
Description  Multi-Mode PWM Controller of Flyback with Frequency Swapping and Integrated Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523M1GL Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5523M1GL Datasheet HTML 8Page - Leadtrend Technology LD5523M1GL Datasheet HTML 9Page - Leadtrend Technology LD5523M1GL Datasheet HTML 10Page - Leadtrend Technology LD5523M1GL Datasheet HTML 11Page - Leadtrend Technology LD5523M1GL Datasheet HTML 12Page - Leadtrend Technology LD5523M1GL Datasheet HTML 13Page - Leadtrend Technology LD5523M1GL Datasheet HTML 14Page - Leadtrend Technology LD5523M1GL Datasheet HTML 15Page - Leadtrend Technology LD5523M1GL Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LD5523M1
04/12/2021
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523M1-DS-00 April 2021
IFB
IOCP
105µA
300µA
78.75µA
225µA
COMP
IOCP
0.55V
1.4V
IFB×K
VCC
UVLO(ON)
PDR
t
t
COMP
OPP
3V
t
OUT
OPP delay time
Switching
Non-Switching
OPP trip Level
Latch Released
t
AC input Voltage
AC Off
AC On( Recycle)
Switching
Fig. 17
Over Current Protection (OCP)
– Latch
When the switching current is higher than the OCP
threshold, the internal counter counts down. When the
total accumulated counting time is more than 225ms, the
controller triggers the OCP. This protection is latch
protection.
Adjustable Over Current Compensation on
FB Pin
For compensating the differential input current from
high/low line conditions on current sensing resistor,
LD5523M1 mirrors compensation current IOCP from IFB to
CS pin. The relationship of compensation current IOCP and
IFB is expressed by following equation and shown in Fig.
18.
FB
OCP
I
K
I
, where
5
7
.
0
K
K is the mirror current ratio of FB pin, and the IOCP follows
the input voltage. When the VCOMP ramps up to the IOCP
threshold 0.55V, the compensation current is added
gradually. The maximum value of IOCP is generated as
VCOMP is higher than 1.4V. The corresponding VCOMP and
IOCP are shown in Fig. 19.
The compensation current IOCP supplies an offset
voltage by external resistor ROCP, which is series
between the current sensing resistor RS and CS pin. By
selecting a proper value of the resistor ROCP in series
with the CS pin, the amount of compensation can be
adjusted.
Fig. 18
Fig. 19
Over Voltage Protection on FB Pin (FB OVP)
– Latch
An output overvoltage protection is implemented in the
LD5523M1. The auxiliary winding voltage can be reflected
from secondary winding, in which the FB pin voltage is
proportional to output voltage during the gate off time.
OVP is worked by sensing the auxiliary voltage via the
divided resistors R2, refereeing to Fig. 20. The equation of
FB OVP is shown as follows.
R2 =
R1 ∙ VFB_OVP
Va − VFB_OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com