Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523TGL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5523TGL
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523TGL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5523TGL Datasheet HTML 7Page - Leadtrend Technology LD5523TGL Datasheet HTML 8Page - Leadtrend Technology LD5523TGL Datasheet HTML 9Page - Leadtrend Technology LD5523TGL Datasheet HTML 10Page - Leadtrend Technology LD5523TGL Datasheet HTML 11Page - Leadtrend Technology LD5523TGL Datasheet HTML 12Page - Leadtrend Technology LD5523TGL Datasheet HTML 13Page - Leadtrend Technology LD5523TGL Datasheet HTML 14Page - Leadtrend Technology LD5523TGL Datasheet HTML 15Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LD5523T
04/08/2021
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523T-DS-00 April 2021
Fig. 13
Fig. 14
CCM Switching Frequency Clamp
According to the QR operation principle, the switching
frequency is inversely proportional to the output power.
Therefore, as the output power increases, the switching
frequency can become rather low without limiting. The
CCM switching frequency of LD5523T is clamped at 65
kHz internally to provide the optimized operations by
considering the EMI performance, thermal treatment,
component sizes and transformer design
.
Over Voltage Protection on VCC Pin (VCC
OVP) – Auto Recovery
LD5523T is implemented with an OVP function on VCC.
Whenever the VCC voltage is higher than the OVP
threshold voltage, the LD5523T will be shutdown
simultaneously thus to stop the switching of the power
MOSFET until the next UVLO(ON).The VCC OVP
function in LD5523T is an auto-recovery type protection.
The Fig. 15 shows its operation.
On the other hand, if the OVP condition is removed, the
VCC level will get back to normal level and the output
will automatically return to the normal operation.
Fig. 15
Over Load Protection (OLP) – Auto
Recovery
To protect the circuit from damage due to over-load
condition and short or open-loop condition, the LD5523T
is implemented with smart OLP function. It also features
auto –recovery function, see Fig. 16 for the waveform. In
case of fault condition, the feedback system will force
the voltage loop toward the saturation and then pull the
voltage high on COMP pin (VCOMP). When the VCOMP
ramps up to the OLP threshold of 2.8V and continues
over OLP delay time, the protection will be activated and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com