Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523TGL Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD5523TGL
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523TGL Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD5523TGL Datasheet HTML 7Page - Leadtrend Technology LD5523TGL Datasheet HTML 8Page - Leadtrend Technology LD5523TGL Datasheet HTML 9Page - Leadtrend Technology LD5523TGL Datasheet HTML 10Page - Leadtrend Technology LD5523TGL Datasheet HTML 11Page - Leadtrend Technology LD5523TGL Datasheet HTML 12Page - Leadtrend Technology LD5523TGL Datasheet HTML 13Page - Leadtrend Technology LD5523TGL Datasheet HTML 14Page - Leadtrend Technology LD5523TGL Datasheet HTML 15Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
LD5523T
04/08/2021
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523T-DS-00 April 2021
then turn off the gate output to stop the switching of
power circuit.
With the protection mechanism, the average input
power will be minimized to remain the component
temperature and stress within the safe operating area.
Fig. 16
Over Voltage Protection on FB Pin (FB
OVP) – Auto Recovery
An output overvoltage protection is implemented in the
LD5523T. The auxiliary winding voltage can be reflected
from secondary winding, in which the FB pin voltage is
proportional to output voltage during the gate off time.
OVP is worked by sensing the auxiliary voltage via the
divided resistors R2, refereeing to Fig. 17. The equation
of FB OVP is shown as follows.
R2
R1 ∙VFB_OVP
Va VFB_OVP
 
Va
Na
NS
VO VF  
VFB_OVP is the FB pin OVP trip voltage level. Va is the
auxiliary winding voltage which reflects from the forward
voltage VF of Schottky diode and output voltage VO. NS
is turns ration of secondary-side winding.
If VFB overs the FB OVP trip level, the internal counter
starts counting 8 cycles, and then LD5523T goes to
auto-recovery protection mode till the FB OVP status is
defused.
Fig. 17
Under Voltage Protection 1 on FB Pin (FB
UVP 1) – Auto Recovery
The FB UVP 1 function can prevent the damage from
output short circuit. Once the output is shorted, Vo drop
immediately. According to the close loop control, COMP
voltage will pull high in the meanwhile. Therefore, as VFB
is lower than FB UVP trip level during gate off region
and VCOMP pulls higher than 2.8V over 8 cycles, then
the FB UVP 1 will be activated to stop the switching of
the power MOSFET until the next UVLO(on). The Fig.
18 shows its operation.
Fig. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com