Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5762P Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5762P
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762P Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5762P Datasheet HTML 1Page - Leadtrend Technology LD5762P Datasheet HTML 2Page - Leadtrend Technology LD5762P Datasheet HTML 3Page - Leadtrend Technology LD5762P Datasheet HTML 4Page - Leadtrend Technology LD5762P Datasheet HTML 5Page - Leadtrend Technology LD5762P Datasheet HTML 6Page - Leadtrend Technology LD5762P Datasheet HTML 7Page - Leadtrend Technology LD5762P Datasheet HTML 8Page - Leadtrend Technology LD5762P Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LD5762P
05/02/2017
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762P-DS-00 May 2017
Pin Configuration
YY:
Year code
WW:
Week code
PP:
Production code
SOP-8
(TOP VIEW)
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
SOP-7 (TOP VIEW)
1
8
2
3
4
6
5
TOP MARK
YYWWPP
YYWWPP
Ordering Information
Part number
Package
Top Mark
Shipping
LD5762P GS
SOP-8
LD5762PGS
2500 /tape & reel
LD5762P GR
SOP-7
LD5762PGR
2500 /tape & reel
The LD5762P is RoHs compliant/ Green Packaged.
Protection Mode
Part number
VCC_OVP
OSCP
CS_OTP
OPP
FB_UVP
FB_OVP
LD5762P
Latch
Latch
Latch
Latch
Skip 1 cycle
Latch
Pin Descriptions
PIN
NAME
FUNCTION
1
FB
Auxiliary voltage sense, output voltage protection and quasi resonant detection.
2
COMP
Voltage feedback pin. Connect a photo-coupler with it to close the control loop and
achieve the regulation.
3
CS
Current sense pin, connect it to sense the MOSFET current
4
GND
Ground
5
OUT
Gate drive output to drive the external MOSFET
6
VCC
Supply voltage pin
7
NC
Unconnected Pin
8
HV
Connect this pin to Line/ Neutral of AC main voltage through resistor to provide the
startup current for the controller.
When VCC voltage increase to trip the point of
UVLO(ON), this HV loop will be turned off to reduce the power loss on the startup
circuit.
An internal resistor divider between HV to GND pin will monitor AC line voltage to
activate Brown-in/out function control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com