Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5762P Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5762P
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762P Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5762P Datasheet HTML 9Page - Leadtrend Technology LD5762P Datasheet HTML 10Page - Leadtrend Technology LD5762P Datasheet HTML 11Page - Leadtrend Technology LD5762P Datasheet HTML 12Page - Leadtrend Technology LD5762P Datasheet HTML 13Page - Leadtrend Technology LD5762P Datasheet HTML 14Page - Leadtrend Technology LD5762P Datasheet HTML 15Page - Leadtrend Technology LD5762P Datasheet HTML 16Page - Leadtrend Technology LD5762P Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LD5762P
05/02/2017
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762P-DS-00 May 2017
more than 50%. To stabilize the control loop, the slope
compensation is required in the traditional UC384X
design by injecting the ramp signal from the RT/CT pin
through a coupling capacitor. LD5762P has internal
slope compensation circuit to simplify the external circuit
design.
Oscillator and Switching Frequency
The LD5762P has the switching frequency between 65
kHz ±6kHz internally to optimize its performance in EMI,
thermal treatment, component sizes and transformer
design.
Dual-Oscillator Green-Mode Operation
There
are
many
different
topologies
has
been
implemented in different chips for the green-mode or
power
saving
requirements
such
as
“burst-mode
control
”, “skipping-cycle mode”, “variable off-time control
“…etc. The basic operation theory of all these
approaches intended to reduce the switching cycles
under light-load or no-load condition either by skipping
some
switching
pulses
or
reduce
the
switching
frequency.
By using LD proprietary dual-oscillator technique, the
green-mode frequency can be well controlled and
further to avoid the generation of audible noise.
Frequency Swapping
The LD5762P is built in with frequency swapping
function, which makes it easy for the power supply
designers to optimize EMI performance and system
cost.
On/Off Control
Pulling COMP pin below VZDC will immediately disable
the gate output of LD5762P. Remove the pull-low signal
to reset it.
Over Power Protection (OPP) - Latch Mode
The LD5762P features latch mode of smart OPP
protection. Fig. 13 shows the waveform under fault
condition. The feedback system will force the voltage
loop toward the saturation and thus pull the voltage high
across COMP pin (VCOMP). When the VCOMP ramps
up to the OPP threshold of 4.6V and stays for longer
than OPP delay time, the protection will be activated
and then latch off the gate output to stop switching of the
power circuit. The delay time is to prevent the
false-triggering during power-on, turn-off transient and
in peak load condition. As soon as the over load
condition is removed, the controller will remain latched
until the VCC drops lower than 6V. It is necessary to
restart AC power-on recycling to resume the output.
UVLO(ON)
UVLO(OFF)
t
AC input Voltage
t
OUT
Switching
Switching
Non- Switching
t
VCC
t
4.6V
COMP
PDR
AC Off
AC On( Recycle)
Latch Released
OPP delay time
OPP trip Level
Fig. 13
Over Current Protection (OCP)
–Latch
Mode
When the switching current is higher than the OCP
threshold, the internal counter counts up. When the total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com