Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7592GS Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7592GS
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592GS Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7592GS Datasheet HTML 5Page - Leadtrend Technology LD7592GS Datasheet HTML 6Page - Leadtrend Technology LD7592GS Datasheet HTML 7Page - Leadtrend Technology LD7592GS Datasheet HTML 8Page - Leadtrend Technology LD7592GS Datasheet HTML 9Page - Leadtrend Technology LD7592GS Datasheet HTML 10Page - Leadtrend Technology LD7592GS Datasheet HTML 11Page - Leadtrend Technology LD7592GS Datasheet HTML 12Page - Leadtrend Technology LD7592GS Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LD7592
06/05/2017
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592-DS-00 June 2017
Application Information
Operation Overview
The LD7592 is an excellent voltage mode PFC controller.
It meets the IEC61000-3-2 requirement and is intended
for the use in those pre-regulator that demands low power
harmonics distortion. It integrates more functions to
reduce the external components counts and the size. Its
major features are described as below.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It would assure the supply
voltage enough to turn on the LD7592 PFC controllers
and further to drive the power MOSFET. As shown in Fig.
8, a hysteresis is built in to prevent the shutdown from the
voltage dip during start up. The turn-on and turn-off
threshold level are set at 12.0V and 7.5V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~µA)
operating current (~ mA)
Fig. 8
Startup Current and Startup Circuit
The typical startup circuit to generate the LD7592 VCC is
shown in Fig. 9. During the startup transient, the VCC is
lower than the UVLO threshold. Thus, there is no gate
pulse produced from LD7592 to drive power MOSFET.
Therefore, the current through R1 will provide the startup
current and charge the capacitor C1. Whenever the VCC
voltage is high enough to turn on the LD7592 and further
to deliver the gate drive signal, the supply current is
provided from the auxiliary winding of the PFC choke.
Lower startup current requirement on the PFC controller
will help to increase the value of R1 and then reduce the
power consumption on R1. By using CMOS process and
the special circuit design, the maximum startup current of
LD7592 is only 1
A. If a higher resistance value of R1 is
chosen, it usually takes more time to start up. To carefully
select the value of R1 and C1 will optimize the power
consumption and startup time.
LD7592
OUT
CS
GND
COMP
VCC
RAMP
INV
OVP
Vin
R1
C1
Fig. 9
Output Voltage Setting
The LD7592 monitors the output voltage signal at INV pin
through
a
resistor
divider
pair
Ra
and
Rb.
A
transconductance amplifier is used instead of the
conventional voltage amplifier. The transconductance
amplifier (voltage controlled current source) aids the
implementation of OVP and disables function. The output
current of the amplifier changes according to the voltage
difference of the inverting and non-inverting input of the
amplifier. The output voltage of the amplifier is compared
with the internal ramp signal to generate the turn-off
signal. The output voltage is determined by the following
relationship.
)
Rb
Ra
1
(
V
5
.
2
V
O
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com