Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7592GS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7592GS
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592GS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7592GS Datasheet HTML 7Page - Leadtrend Technology LD7592GS Datasheet HTML 8Page - Leadtrend Technology LD7592GS Datasheet HTML 9Page - Leadtrend Technology LD7592GS Datasheet HTML 10Page - Leadtrend Technology LD7592GS Datasheet HTML 11Page - Leadtrend Technology LD7592GS Datasheet HTML 12Page - Leadtrend Technology LD7592GS Datasheet HTML 13Page - Leadtrend Technology LD7592GS Datasheet HTML 14Page - Leadtrend Technology LD7592GS Datasheet HTML 15Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LD7592
06/05/2017
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592-DS-00 June 2017
the RAMP pin. The voltage of the RAMP pin is 2.9V and
the slope is proportional to the current flowing out of the
RAMP pin. The internal ramp signal has a 1V offset;
therefore, the drive output will be shut down if the voltage
of the COMP pin is lower than 0.95V. The programmed
on-time will be at its maximum when the COMP pin pulls
high. The COMP pin open voltage is about VCompclamp.
According to the slope of the internal ramp, the maximum
on-time can be programmed. The necessary maximum
on-time will be achieved depending on the boost inductor,
lowest AC line voltage, and maximum output power. The
resistor
value
should
be
designed
properly.
The
maximum on-time can be obtained from below
10
6875
.
1
R
T
9
RAMP
)
MAX
(
Time
ON
(Sec)
RRAMP
1V Offest
Turn-off
Signal
Saw
Tooth
Greneator
Comp
2.9V
RAMP
Fig. 13
Output Drive Stage
An output stage of a CMOS buffer, with typical
900mA/-1200mA driving capability, is incorporated to
drive a power MOSFET directly.
The output voltage is
clamped at 13V to protect the MOSFET gate even when
the VCC voltage is higher than 13V.
Current
Sensing
and
Leading-Edge
Blanking
The typical voltage mode of PFC controller feedbacks the
voltage signals to close the control loop and achieve
regulation. The LD7592 detects the inductor current from
the CS pin, which is for the pulse-by-pulse current limit.
The maximum current threshold of the current sensing pin
is set at 200
μA. From above, the inductor peak current
can be obtained from below.
CS
SNS
)
MAX
(
PEAK
R
R
A
200
I
(A)
A 350ns leading-edge blanking (LEB) time is included in
the input of CS pin to prevent the false-trigger from the
current spike.
Zero Current Detection
In DCM operation, the inductor current decreases during
MOSFET off. The current, ISNS, sourced from CS pin
also decreases simultaneously. When ISNS becomes
smaller than IZCD, MOSFET will be turned on again. Since
the voltage of CS pin is clamped at 0V, ISNS can be shown
below, as shown in Fig. 14 and Fig. 15.
SNS
CSA
SNS
R
V
-
I
(A)
Because of the inrush current of the boost topology,
VCSA will be a large negative voltage at startup.
Meanwhile, LD7592 may be not enabled so the clamping
circuit of CS pin does not work. ISNS flowing through the
ESD diode of CS pin can only be limited by RSNS. To
prevent too large ISNS from damaging LD7592, the
resistance value of RSNS is recommended to be larger
than 1kΩ.
ISNS
CS
RCS
RSNS
ZCD
Comparator
2
μA
ZCD
+
-
VCSA
I
Fig. 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com