Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116QL Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD8116QL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116QL Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD8116QL Datasheet HTML 5Page - Leadtrend Technology LD8116QL Datasheet HTML 6Page - Leadtrend Technology LD8116QL Datasheet HTML 7Page - Leadtrend Technology LD8116QL Datasheet HTML 8Page - Leadtrend Technology LD8116QL Datasheet HTML 9Page - Leadtrend Technology LD8116QL Datasheet HTML 10Page - Leadtrend Technology LD8116QL Datasheet HTML 11Page - Leadtrend Technology LD8116QL Datasheet HTML 12Page - Leadtrend Technology LD8116QL Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LD8116QL
07/15/2020
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116QL-DS-00 July 2020
Package Information
SOT-26
Symbol
Dimension in Millimeters
Dimensions in Inches
Min
Max
Min
Max
A
2.692
3.099
0.106
0.122
B
1.397
1.803
0.055
0.071
C
-------
1.450
-------
0.057
D
0.300
0.500
0.012
0.020
F
0.95 TYP
0.037 TYP
H
0.080
0.254
0.003
0.010
I
0.050
0.150
0.002
0.006
J
2.600
3.000
0.102
0.118
M
0.300
0.600
0.012
0.024
θ
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com