Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116QL Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD8116QL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116QL Datasheet(HTML) 1 Page - Leadtrend Technology

  LD8116QL Datasheet HTML 1Page - Leadtrend Technology LD8116QL Datasheet HTML 2Page - Leadtrend Technology LD8116QL Datasheet HTML 3Page - Leadtrend Technology LD8116QL Datasheet HTML 4Page - Leadtrend Technology LD8116QL Datasheet HTML 5Page - Leadtrend Technology LD8116QL Datasheet HTML 6Page - Leadtrend Technology LD8116QL Datasheet HTML 7Page - Leadtrend Technology LD8116QL Datasheet HTML 8Page - Leadtrend Technology LD8116QL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LD8116QL
07/15/2020
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116QL-DS-00 July 2020
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
General Description
The LD8116QL contains a processor which can convert
the three different inputs of dimmer type include DC
potential, PWM (Plus Width Modulation) signal and
potentiometer become a PWM signal output. It is easy to
provide the isolation dimming control that via opto-coupler
for smart LED lighting application.
The device features include wide input voltage from 15V to
56V, adjustable bias current source for potentiometer and
high precision LED dimming current.
The LD8116QL is the SOT-26 package to minimize the
PCB size as well as component counts.
Features
Wide VCC operating range
Low operation current
Precision dimmer type with
-
Voltage potential : 0/1V to 10V
-
PWM dimming: 500Hz to 10kHz
-
Potentiometer: 0 to 100k Ohm.
Adjustable bias current source of DIM pin
Clamp minimum duty 10% on OUT pin
Built in dimming to on/off function on DIM pin
Built in over temperature protection for Chip
Applications
Dimmable LED Power Supply
Dimming devices
Typical Application
LED+
LED-
GND
DIM
VCC
RPhoto
RL
RDIM
3V ~10V_P WM
0V
VR 100K
0 –10 V
0V
CDIM
100%
OUT
DIM
8.6V
1.5V
10%
5V
1. 26V
1.42V
Fig. 1 Application circuit


Similar Part No. - LD8116QL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8116Q LEADTREND-LD8116Q Datasheet
463Kb / 11P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
LD8116QGL LEADTREND-LD8116QGL Datasheet
463Kb / 11P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
More results

Similar Description - LD8116QL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
Flexible 0-10V Dimming Solution
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com