Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116Q Datasheet (PDF) - Leadtrend Technology

LD8116Q Datasheet PDF - Leadtrend Technology
Part # LD8116Q
Download  LD8116Q Download
File Size   463.32 Kbytes
Page   11 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Flexible Dimming Solution by PWM / 0-10V / Potentiometer

LD8116Q Datasheet (PDF)

Go To PDF Page Download Datasheet
LD8116Q Datasheet PDF - Leadtrend Technology

Part # LD8116Q
Download  LD8116Q Click to download

File Size   463.32 Kbytes
Page   11 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Flexible Dimming Solution by PWM / 0-10V / Potentiometer

LD8116Q Datasheet (HTML) - Leadtrend Technology


LD8116Q Product details

General Description
The LD8116Q contains a processor which can convert the
three different inputs of dimmer type include DC potential,
PWM (Plus Width Modulation) signal and potentiometer
become a PWM signal output. It is easy to provide the
isolation dimming control that via opto-coupler for smart
LED lighting application.
The device features include wide input voltage from 15V to
56V, adjustable bias current source for potentiometer and
high precision LED dimming current.
The LD8116Q is the SOT-26 package to minimize the PCB
size as well as component counts.

Features
 Wide VCC operating range
 Low operation current
 Precision dimmer type with
- Voltage potential : 0/1V to 10V
- PWM dimming: 500Hz to 10kHz
- Potentiometer: 0 to 100k Ohm.
 Adjustable bias current source of DIM pin
 Clamp 10% minimum duty on OUT pin
 Built in over temperature protection for Chip

Applications
 Dimmable LED Power Supply
 Dimming devices




Similar Part No. - LD8116Q

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8116QL LEADTREND-LD8116QL Datasheet
425Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
LD8116QLGL LEADTREND-LD8116QLGL Datasheet
425Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
More results


Similar Description - LD8116Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
Flexible 0-10V Dimming Solution
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com