Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116QLGL Datasheet (PDF) - Leadtrend Technology

LD8116QLGL Datasheet PDF - Leadtrend Technology
Part # LD8116QLGL
Download  LD8116QLGL Download
File Size   425.78 Kbytes
Page   13 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Flexible Dimming Solution by PWM / 0-10V / Potentiometer

LD8116QLGL Datasheet (PDF)

Go To PDF Page Download Datasheet
LD8116QLGL Datasheet PDF - Leadtrend Technology

Part # LD8116QLGL
Download  LD8116QLGL Click to download

File Size   425.78 Kbytes
Page   13 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Flexible Dimming Solution by PWM / 0-10V / Potentiometer

LD8116QLGL Datasheet (HTML) - Leadtrend Technology


LD8116QLGL Product details

General Description
The LD8116QL contains a processor which can convert
the three different inputs of dimmer type include DC
potential, PWM (Plus Width Modulation) signal and
potentiometer become a PWM signal output. It is easy to
provide the isolation dimming control that via opto-coupler
for smart LED lighting application.
The device features include wide input voltage from 15V to
56V, adjustable bias current source for potentiometer and
high precision LED dimming current.
The LD8116QL is the SOT-26 package to minimize the
PCB size as well as component counts

Features
 Wide VCC operating range
 Low operation current
 Precision dimmer type with
- Voltage potential : 0/1V to 10V
- PWM dimming: 500Hz to 10kHz
- Potentiometer: 0 to 100k Ohm.
 Adjustable bias current source of DIM pin
 Clamp minimum duty 10% on OUT pin
 Built in dimming to on/off function on DIM pin
 Built in over temperature protection for Chip

Applications
 Dimmable LED Power Supply
 Dimming devices




Similar Part No. - LD8116QLGL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8116Q LEADTREND-LD8116Q Datasheet
463Kb / 11P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
LD8116QGL LEADTREND-LD8116QGL Datasheet
463Kb / 11P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
More results


Similar Description - LD8116QLGL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
Flexible 0-10V Dimming Solution
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com