Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116QLGL Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD8116QLGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116QLGL Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD8116QLGL Datasheet HTML 5Page - Leadtrend Technology LD8116QLGL Datasheet HTML 6Page - Leadtrend Technology LD8116QLGL Datasheet HTML 7Page - Leadtrend Technology LD8116QLGL Datasheet HTML 8Page - Leadtrend Technology LD8116QLGL Datasheet HTML 9Page - Leadtrend Technology LD8116QLGL Datasheet HTML 10Page - Leadtrend Technology LD8116QLGL Datasheet HTML 11Page - Leadtrend Technology LD8116QLGL Datasheet HTML 12Page - Leadtrend Technology LD8116QLGL Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LD8116QL
07/15/2020
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116QL-DS-00 July 2020
Application Information
Operation Overview
The LD8116QL is an excellent 3 in 1 dimming controller
for LED lighting applications. It integrates more
functions to reduce the external components counts and
the size. Its major features are described as below.
The LD8116QL convert input DC potential or PWM
signal into PWM output. The output is an open-drain
configuration which can pull down any source directly to
control power supply dimming. The DIM pin of
LD8116QL provides an adjustable bias current for
potentiometer. So it can satisfy with active and passive
dimmers both. It also can be used in isolation
application with opto-coupler.
Startup
and
Under
Voltage
Lockout
(UVLO)
An UVLO comparator is embedded to detect the voltage
on the VCC pin to ensure the supply voltage enough to
power on the LD8116QL. The turn on and turn off
threshold voltage is fixed at 7V and 6V. When the
voltage of VCC pin is above 6V, the LD8116QL output
PWM which is basing on input DC potential, PWM single
or potentiometer.
Bias Current of DIM Pin
ISET pin of LD8116QL is used to set bias current source
of DIM pin by a resistor (= RISET) on ISET pin which is
connected to GND. For the typical application, the
output bias current of DIM pin is 100μA when RISET is
100k ohm and 150μA when RISET is 66.5k ohm. The
relationship between resistor and output bias current is:
IDIM=
2.5V
R
× K
Where, KDIM is a coefficient of current ratio of IDIM per
ISET. The resistance range of RISET is recommend from
33k to 330k ohm and the range of bias current is
approach to 30μA ~ 300μA.
Dimming Performance
0~10V Potential Dimming
When the input signal of DIM pin is DC potential,
LD8116QL will transfer to PWM signal output at OUT
pin. The frequency of output PWM on OUT pin is 1.5kHz
around. The range of typical dimming curve is from 1.5V
to 8.6V, which has the corresponding duty cycle from
10% to 100%.
PWM Dimming ( Leadtrend ‘s patent )
During PWM signal input on the DIM pin, the output of
LD8116QL OUT pin is PWM, too. And the output
frequency is the same as 0-10V potential or
potentiometer dimming mode. The input amplitude of
PWM signal has to high level higher or equal to 3.2V
and low level less than 1.2V on DIM pin. Besides,
recommend PWM frequency range is from 500Hz to
10kHz and 1%~99% operation range. ICs PWM rising
slew rate of DIM pin is faster than 3 V/μs through 1.2V
to 3.2V and continuous 4 cycles, only in this way the
PWM dimming mode can operate. Then detection of
high and low voltage level on 1.8V and through LPF pin
filter from PWM to DC then compare internal triangular
wave. So, output duty cycle approaches input PWM
duty. Once it enters PWM dimming mode, dimming
mode will be kept until VCC is reset by UVLO_off. The
below is suggestion for filter capacitor on LPF pin
PWM signal frequency (Hz)
Suggested CLPF (nF)
500~3k
220
3k~10k
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com