Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8526GL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD8526GL
Description  Synchronous Rectification Driver with Green Mode Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8526GL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD8526GL Datasheet HTML 1Page - Leadtrend Technology LD8526GL Datasheet HTML 2Page - Leadtrend Technology LD8526GL Datasheet HTML 3Page - Leadtrend Technology LD8526GL Datasheet HTML 4Page - Leadtrend Technology LD8526GL Datasheet HTML 5Page - Leadtrend Technology LD8526GL Datasheet HTML 6Page - Leadtrend Technology LD8526GL Datasheet HTML 7Page - Leadtrend Technology LD8526GL Datasheet HTML 8Page - Leadtrend Technology LD8526GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LD8526
08/31/2018
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8526-DS-00 August 2018
Absolute Maximum Ratings
DET
-1V ~ 200V
HVR
-1V ~ 200V
VIN
-0.3V ~ 30V
VCC
-0.3V ~ 7V
DRV
-0.3V~VCC+0.3V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOT-26)
200
C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (except of DET/HVR Pin)
2.5KV
ESD Voltage Protection, Human Body Model (DET/HVR Pin)
1KV
ESD Voltage Protection, Machine Model
250V
Caution:
Stresses beyond the ratings specified in
“absolute maximum ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
Supply Voltage VIN
24
V
Supply Voltage VCC
3
6
V
Power MOS Gate Threshold Voltage
1.5
4
V
Operating Frequency
130
KHz
VCC capacitor
2.2
F
MOSFET Ciss (1)
1000
5500
pF
Turn-Off Rgate (1)
0
5
Ω
RDET
600
Ω
Notes:
1.
When MOSFET Ciss is the maximum value, turn-off RGATE must be the minimum value. On the contrary, when MOSFET
Ciss is the minimum, turn-off RGATE must be the maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com