Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8526GL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD8526GL
Description  Synchronous Rectification Driver with Green Mode Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8526GL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD8526GL Datasheet HTML 5Page - Leadtrend Technology LD8526GL Datasheet HTML 6Page - Leadtrend Technology LD8526GL Datasheet HTML 7Page - Leadtrend Technology LD8526GL Datasheet HTML 8Page - Leadtrend Technology LD8526GL Datasheet HTML 9Page - Leadtrend Technology LD8526GL Datasheet HTML 10Page - Leadtrend Technology LD8526GL Datasheet HTML 11Page - Leadtrend Technology LD8526GL Datasheet HTML 12Page - Leadtrend Technology LD8526GL Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LD8526
08/31/2018
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8526-DS-00 August 2018
Pri. PWM
DRV
t
t
>1.2ms
16cycle
<1.1ms
Green mode
detection pulse
Enter
Green Mode
Leave
Green Mode
Leave
Green Mode
>1.1ms
<1.1ms
Fig. 16
Turn-on Phase
After a negative voltage (−300 mV typical) is sensed on
the DET pin, the driver output voltage (Int. DRV, see Block
Diagram) is made high and the internal MOSFET is
switched on. After switch-on of the SR MOSFET, the input
signal on the DET pin is blanked for 1.5
s (typical). This
will eliminate false switch-off due to high frequency ringing
at the start of the secondary stroke.
Turn-off Phase
The DET pin has detection gate on time to do prediction
gate pre-drop method (TON x 0.5 = TPREDICT), and adjusting
VDS decreases gate driver voltage to 4V (typical).
As soon as the DET voltage is above VDET_OFF, the
driver output is pulled to ground. For avoiding SR being
too late to turn off in CCM, the following condition must be
met, as shown in Fig. 17.
10mV
-
X
R
I
-
V
DET
DET_OFF
DET_OFF
Where IDET_OFF = 100
A, VDET_OFF = +20mV, X= thermal
effect and parasitic inductance from trace & electronic
components. Hence RDET must be from 600Ω down to
find the appropriate turn-off time.
The behavior of
Int. DRV in DCM & CCM are shown
separately in Fig. 18.
DET
+
-
Green Mode
Detect
SR_ ON
Logic
VBIAS
SR_ MOS Drain
RDET
+
-
IDET_OFF
VDET_OFF
Fig. 17
ISD
DET
t
t
Int. DRV
t
ISD
DET
t
t
Int. DRV
t
VDET_ OFF
DCM
CCM
TPREDICT
VDET_ OFF
TON
TON
TPREDICT
Fig. 18
On-Chip OTP - Auto Recovery
An internal OTP circuit is embedded inside the LD8526 to
provide the worst-case protection for this controller. When
the chip temperature rises and it
’s higher than the trip OTP
level, the output will be disabled until the chip is cooled
down below the hysteresis window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com