Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9535GS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD9535GS
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535GS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD9535GS Datasheet HTML 1Page - Leadtrend Technology LD9535GS Datasheet HTML 2Page - Leadtrend Technology LD9535GS Datasheet HTML 3Page - Leadtrend Technology LD9535GS Datasheet HTML 4Page - Leadtrend Technology LD9535GS Datasheet HTML 5Page - Leadtrend Technology LD9535GS Datasheet HTML 6Page - Leadtrend Technology LD9535GS Datasheet HTML 7Page - Leadtrend Technology LD9535GS Datasheet HTML 8Page - Leadtrend Technology LD9535GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LD9535
01/08/2019
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535-DS-00 January 2019
Electrical Characteristics
(TA = +25oC unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (VCC Pin)
Startup Current
ICC_ST
1
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=0V
ICC_OP1
0.295
mA
VCOMP=1.7V,IFB=200
A
ICC_OP2
1.95
mA
Auto current protection
ICC_OPA1
0.6
mA
UVLO(OFF)
VCC_OFF
7.3
V
UVLO(ON)
VCC_ON
16.5
V
VCC OVP Level
VCC_OVP
27
28
29
V
VCC OVP de-bounce time
TVCC_OVP
8
Cycle
Voltage Feedback (COMP Pin)
Short Circuit Current
VCOMP=0V
ICOMP
0.116
mA
Open Loop Voltage
(1)
VCOMP_OPEN
3.15
V
Current Sensing (CS Pin)
Maximum Input Voltage
VCS_LIMIT
0.5
V
Leading Edge Blanking Time
TLEB
450
ns
Internal Slope Compensation
*ton>3
s
to
DMAX.
(Linearly increase) (1)
VSLP_L
165
mV
QRD (Quasi Resonant Detection, FB Pin)
FB OVP Trip voltage Level
VFB_OVP
3.5
V
FB OVP De-bounce Time
TFB_OVP
8
Cycle
FB UVP Trip voltage Level
(1)
VFB_UVP
0.8
V
QRD Trip Level
(1)
IQRD
20
A
Oscillator for Switching Frequency
CCM Frequency
FCCM
60
65
70
kHz
Frequency Swapping
(1)
FSW_MOD
±8
%
Green Mode Frequency
FSW_GREEN
21
24
27
kHz
Temp. Stability
(1)
FSW_TS
3
5
%
Voltage Stability
VCC =9V~24V(1)
FSW_VS
1
%
Maximum Duty
(1)
DMAX
81
%
Soft Start
Soft Start Time
VCS_OFF from 0.2V to
0.5V(1)
TSS
7
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com